Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4364
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4364 Datasheet HTML 5Page - Analog Devices LTC4364 Datasheet HTML 6Page - Analog Devices LTC4364 Datasheet HTML 7Page - Analog Devices LTC4364 Datasheet HTML 8Page - Analog Devices LTC4364 Datasheet HTML 9Page - Analog Devices LTC4364 Datasheet HTML 10Page - Analog Devices LTC4364 Datasheet HTML 11Page - Analog Devices LTC4364 Datasheet HTML 12Page - Analog Devices LTC4364 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4381
9
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
–
+
–
+
GATE
9mΩ
13.5V
17V
RSNS
RDRN
31.5V*
50mV/62mV
20µA
GFET
IN
SRC
SNS
OUT
OUTPUT
INPUT
VCC
VCC
SEL
TMR
DRN
OUT
SNS
ON
3.5V
IA
18.5V*
*ONLY IN LTC4381-1/LTC4381-2
1M
1V
2.2V
3.4V
1.215V
0.1V
–
+
–
+
ON
CONTROL
LOGIC
VMAX
IMULT
RST GOFF
MULTIPLIER
CHARGE PUMP
REGULATED TO
VOUT +11.5V
(250kHz)
UV
GND
FLT
6µA, 24µA
OVERCURRENT
3.6µA
4µA
COOL
DOWN
2µA
OVERVOLTAGE
4381 BD
3.5V
3.5V
3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com