Electronic Components Datasheet Search
  English  ▼

X  

LTC4365 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4365
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4365 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4365 Datasheet HTML 3Page - Analog Devices LTC4365 Datasheet HTML 4Page - Analog Devices LTC4365 Datasheet HTML 5Page - Analog Devices LTC4365 Datasheet HTML 6Page - Analog Devices LTC4365 Datasheet HTML 7Page - Analog Devices LTC4365 Datasheet HTML 8Page - Analog Devices LTC4365 Datasheet HTML 9Page - Analog Devices LTC4365 Datasheet HTML 10Page - Analog Devices LTC4365 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4381
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
RON vs Temperature
RON vs VCC
MOSFET SOA Curve
VCC = 12V, unless otherwise noted.
PIN FUNCTIONS
DRN: MOSFET Drain-Source Sense. The DRN pin voltage
tracks the OUT pin. The resulting DRN pin current through
external resistor RDRN is proportional to the MOSFET VDS.
The DRN pin current and ∆VSNS (SNS – OUT) are mul-
tiplied internally to produce a TMR pin current approxi-
mately proportional to the MOSFET’s power dissipation.
This reduces the SOA requirement of the MOSFET by tim-
ing out faster during more severe faults. Choose RDRN to
limit the current to 1mA at the peak input voltage. Connect
to OUT if unused.
FLT: Fault Output. This open-drain logic output pin pulls
low after the voltage at the TMR pin has reached the fault
threshold of 1.215V. It indicates that the MOSFET is off
because either the supply voltage has stayed at an ele-
vated level for an extended period of time (voltage fault)
or the device is in an overcurrent condition (current fault).
The fault output is capable of sinking up to 3mA. Leave
open or tie to GND if unused.
GATE: Gate Drive for Internal N-Channel MOSFET. The
GATE pin is pulled up by an internal 20µA charge pump
that is regulated to 11.5V above the OUT pin. An amplifier
controls the GATE pin to limit the current through the
MOSFET. A minimum of 47nF of capacitance and 33Ω
series resistor at the pin is necessary to compensate the
current limit amplifier. To avoid damaging the MOSFET
during an output short, GATE is also clamped internally
to 17V above OUT.
GFET: Gate of Internal N-Channel MOSFET. Connect this
pin to the GATE pin through a 10Ω resistor.
GND: Device Ground.
IN: Input of MOSFET. This is the drain terminal of the inter-
nal MOSFET. Connect this pin to the supply input.
ON: Turn-On Control Input. The LTC4381 can be turned
on by pulling this pin above 1.05V or by leaving it open to
allow an internal 1MΩ resistor to turn the part on. Pulling
the pin below the threshold puts the part in shutdown
mode and reduces the supply current to 5µA. Limit the ON
leakage current to less than 1µA if no external pull-up is
used. The ON pin can be pulled up to 80V or below GND
by 60V without damage.
OUT: Output Voltage Sense. This pin senses the output
voltage at the output terminal of the current sense resistor.
An internal clamp limits the voltage in between the GATE
and OUT pins to 17V. Bypass the OUT pin with a minimum
of 22µF as close to the pin as possible.
VCC = 4V
VCC = 12V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
4
8
12
16
20
24
ON
4381 G19
VCC (V)
0
4
8
12
16
0
5
10
15
20
25
ON
CC
4381 G20
TA = 25°C
SINGLE PULSE
VIN–VSRC (V)
1
10
100 200
0.1
1
10
100
1k
4381 G21
1ms
100 s
10ms
100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com