Electronic Components Datasheet Search
  English  ▼

X  

LTM4655MPY Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4655MPY
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4655MPY Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4655MPY Datasheet HTML 23Page - Analog Devices LTM4655MPY Datasheet HTML 24Page - Analog Devices LTM4655MPY Datasheet HTML 25Page - Analog Devices LTM4655MPY Datasheet HTML 26Page - Analog Devices LTM4655MPY Datasheet HTML 27Page - Analog Devices LTM4655MPY Datasheet HTML 28Page - Analog Devices LTM4655MPY Datasheet HTML 29Page - Analog Devices LTM4655MPY Datasheet HTML 30Page - Analog Devices LTM4655MPY Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
LTM4655
27
Rev. 0
For more information www.analog.com
A default value of CSSn = 1.5nF can be implemented by
connecting ISET
na to ISETnb. For other ramp-up rates,
connect an external CSS capacitor parallel to RISET.
When starting up into a pre-biased VOUT, the LTM4655
stays in a sleep mode, keeping MTn and MBn off until
VISETna equals VOSNSn+—after which, the DC/DC con-
verter commences switching action and VOUT is ramped
according to the voltage commanded by ISET
na.
Since the LTM4655 control loop servos its VOSNSn+ volt-
age to match that of ISET
na’s, the LTM4655’s channel
n output can be configured to track any voltage applied
to ISET
na, referenced to SVOUTn–. See Figure 52 for an
example of the LTM4655 configured as a DAC-controlled
bipolar-output programmable power supply.
The LTM4655 can track the mirror-image of a posi-
tive rail to generate the negative half of a split-sup-
ply, as seen in Figure 50 (note the use of RTRACK and
RISET2 = RISET1 || RTRACK).
Frequency Adjustment
The default switching frequency (fSWn) of channel n of the
LTM4655 is 400kHz. This is suitable for low-VIN (VINn ≤
5V) applications and low-VOUT (VOUTn+ – VOUTn– ≤ 3.3V)
applications. For a practical design, the LTM4655’s induc-
tor ripple current (∆InPK-PK) is suggested to be less than
~2APK-PK. Choose fSWn according to Equation 11.
fSWn =
VOUTn+ − VOUTn− • 1−Dn
(
)
Ln • ∆InPK-PK
(11)
where the value of LTM4655’s power inductor, Ln, is 4μH.
To avoid cycle-skipping, impose restrictions on fSWn, to
ensure minimum on-time criteria is met (Equation 12).
fSWn <
Dn
TONn(MIN)
(12)
RfSETn NOT USED
RfSETn (kΩ)
10
100
1k
10k
0.1
1
10
4655 F01
Figure 1. Relationship Between RfSETn and Target fSWn
The LTM4655’s minimum on-time, tONn(MIN), is specified
as 60ns. For a practical design, it is recommended to
guardband to 90ns.
To configure channel
n of the LTM4655 for a higher
switching frequency than its default of 400kHz, apply
a resistor, RfSETn, between the fSETn pin and SVOUTn+.
RfSETn is given (in MΩ) by Equation 13.
RfSETn(MΩ)=
1
10pF •[fSWn(MHz)–0.4(MHz)]
(13)
The relationship of RfSETn to programmed fSWn is shown
in Figure 1. See Table 11 and Table 12 for recommended
fSWn and corresponding RfSETn values for various com-
binations of VINn, VOUTn+ and VOUTn–.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com