Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8053
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8053 Datasheet HTML 4Page - Analog Devices LTM8053 Datasheet HTML 5Page - Analog Devices LTM8053 Datasheet HTML 6Page - Analog Devices LTM8053 Datasheet HTML 7Page - Analog Devices LTM8053 Datasheet HTML 8Page - Analog Devices LTM8053 Datasheet HTML 9Page - Analog Devices LTM8053 Datasheet HTML 10Page - Analog Devices LTM8053 Datasheet HTML 11Page - Analog Devices LTM8053 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LTM4655
8
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Oscillator and Phase-Locked Loop (PLL)
fOSCn
Oscillator Frequency Accuracy
VINn = 12V, ISETna–SVOUTn– = 5V, and:
fSETn Open Circuit
RfSETn = 57.6kΩ (See fSN Specification)
l
360
400
1.95
440
kHz
MHz
fSYNCn
PLL Synchronization Capture Range
VINn = 12V, ISETna–SVOUTn– = 5V, CLKINn Driven
with a GND Referred Clock Toggling from 0.4V to
1.2V and Having a Clock Duty Cycle:
From 10% to 90%; fSETn Open Circuit
From 40% to 60%; RfSETn = 57.6kΩ
250
1.3
550
3
kHz
MHz
VCLKINn
CLKIN
n Input Threshold
VCLKINn Rising with Respect to GND
VCLKINn Falling with Respect to GND
1.2
0.4
V
V
ICLKINn
CLKINn Input Current
VCLKINn = 5V with Respect to GND
VCLKINn = 0V with Respect to GND
–20
230
–5
500
μA
μA
Power Good Feedback Input and Power Good Output
OVPGDFBn
Output Overvoltage PGOOD
n
Upper Threshold
PGDFB
n Rising, Differential Voltage from PGDFBn
to SVOUTn–
l
620
645
675
mV
UVPGDFBn
Output Undervoltage PGOOD
n Lower
Threshold
PGDFB
n Falling, Differential Voltage from PGDFBn
to SVOUTn–
l
525
555
580
mV
∆VPGDFBn
PGOOD
n Hysteresis
PGDFB
n Returning
8
mV
RPGDFBn
Resistor Between PGDFBn and SVOUTn–
4.94
4.99
5.04
kΩ
RPGOODn
PGOOD
n Pull-Down Resistance
VPGOODn = 0.1V with Respect to GND,
VPGDFBn–SVOUTn– < UVPGDFBn or
VPGDFBn–SVOUTn– > OVPGDFBn
700
1500
Ω
IPGOODn(LEAK)
PGOOD
n Leakage Current
VPGOODn = 3.3V with Respect to GND,
UVPGDFBn < VPGDFBn–SVOUTn– < OVPGDFBn
0.1
1
μA
tPGOODn(DELAY)
PGOOD
n Delay
PGOOD
n Low to High (Note 4)
PGOOD
n High to Low (Note 4)
16/fSW(Hz)
64/fSW(Hz)
s
s
Input Voltage Regulation Pin
VVINREGn
VINREGn Servo Voltage
VINREGn Voltage During Output Current Regulation,
Measured with Respect to SVOUTn–
l
1.8
2.0
2.2
V
IVINREGn
VINREGn Leakage Current
VINREG–SVOUTn– = 2V
1
nA
INTVCCn Regulator
VINTVCCn
Channel Internal VCC Voltage, No
INTVCCn Loading (IINTVCCn = 0mA)
3.6V ≤ SVINn–SVOUTn– ≤ 40V, EXTVCCn= Open Circuit
5V ≤ SVINn–SVOUTn– ≤ 40V, 3.2V ≤ EXTVCCn–
VOUTn– ≤ 26.5V
(INTVCCn Measured with Respect to SVOUTn–)
3.15
2.85
3.4
3.0
3.65
3.15
V
V
V
VEXTVCCn(TH)
EXTVCCn Switchover Voltage
(EXTVCCn Measured with Respect to SVOUTn–)
(Note 4)
3.15
V
∆VINTVCCn(LOAD)/
VINTVCCn
INTVCCn Load Regulation
0mA ≤ IINTVCCn ≤ 30mA
–2
0.5
2
%
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 2 (negative-
VOUTn–, inverting buck-boost configuration with VOUTn+ = GND), VINn = 12V and electrically connected to SVINn, RUNn–GND = 3.3V,
ISET
na–SVOUTn– = 24V, EXTVCCn = GND, CLKINn open circuit, RfSETn = 57.6kΩ and RISETn = 480kΩ and voltages referred to GND
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com