Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8063
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 1 Page - Analog Devices

  LTM8063 Datasheet HTML 1Page - Analog Devices LTM8063 Datasheet HTML 2Page - Analog Devices LTM8063 Datasheet HTML 3Page - Analog Devices LTM8063 Datasheet HTML 4Page - Analog Devices LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8060
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad 40VIN, Silent Switcher μModule Regulator
with Configurable 3A Output Array
The LTM®8060 is quad 40VIN, 3A step-down Silent
Switcher μModule® regulator. The Silent Switcher archi-
tecture minimizes EMI while delivering high efficiency at
frequencies up to 3MHz. Included in the package are the
controllers, power switches, inductors, and support com-
ponents. Operating over a wide input voltage range, the
LTM8060 supports output voltages from 0.8V to 8V, and
a switching frequency range of 200kHz to 3MHz, each set
by a single resistor. Only the bulk input and output filter
capacitors, are needed to finish the design. The LTM8060
product video is available on website.
The LTM8060 is packaged in a compact (11.9mm ×
16mm × 3.32mm) over-molded Ball Grid Array (BGA)
package suitable for automated assembly by standard
surface mount equipment. The LTM8060 is available with
SnPb (BGA) or RoHS compliant.
Configurable Output Array
The LTM8060 outputs can be paralleled in an array for up
to 12A capability.
3A
3A
3A
3A
6A
6A
9A
12A
3A
Quad 3A Output from 8.5V to 40V Input
APPLICATIONS
n
Four Complete Step-Down Switching Power Supplies
n
Low Noise Silent Switcher® Architecture
n
CISPR22 Class B Compliant
n
CISPR25 Class 5 Compliant
n
Wide Input Voltage Range: 3V to 40V
n
Wide Output Voltage Range: 0.8V to 8V
n
3A Continuous Output Current per Channel at 12VIN,
3.3VOUT, TA = 80°C
n
4A Continuous Output Current per Channel at 12VIN,
3.3VOUT, fSW = 2MHz, TA = 60°C
n
Multiphase or Multi-μModule Parallelable for
Increased Output Current
n
Low Thermal Resistance, θJA = 9°C/W,
θJCtop = 4.2°C/W, θJCbot = 1.6°C/W
n
Selectable Switching Frequency: 200kHz to 3MHz
n
Compact Package
n
Automated Test Equipment
n
Industrial Supplies
n
Medical Equipment
All registered trademarks and trademarks are the property of their respective owners.
Efficiency, VIN = 24V, BIAS = 5V
4.7µF
27.4k
47µF
47.5k
47µF
78.7k
64.9k
100µF
×2
287k
100µF
×2
1M
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW = 1.2MHz
VOUT1
VIN
FB1
AUX1
BIAS12
GND
VOUT2
8.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW = 600kHz
×4
VOUT1
5V
3A
VOUT3
FB3
BIAS34
VOUT4
FB2
PINS NOT USED:
AUX2, AUX3, TRSS1,
TRSS2, TRSS3,
TRSS4, SHARE1,
SHARE2, SHARE3,
SHARE4, PG1,
PG2, PG3, PG4,
CLKOUT12,
CLKOUT34
VOUT2
3.3V
3A
VOUT3
1.5V
3A
VOUT4
1V
3A
EXTERNAL 5V
FB4
RUN4
GND
8060 TA01a
Click to view associated Video Design Idea.
5VOUT
3.3VOUT
LOAD CURRENT (A)
0
1
2
3
4
55
60
65
70
75
80
85
90
95
8060 TA01b


Similar Part No. - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8063 AD-LTM8063 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8063 AD-LTM8063 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results

Similar Description - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com