Electronic Components Datasheet Search
  English  ▼

X  

540199 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 540199
Description  Pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

540199 Datasheet(HTML) 1 Page - Festo Corporation.

  540199 Datasheet HTML 1Page - Festo Corporation. 540199 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure sensor
SDE3-V1Z-B-HQ4-2P-M8
Part number: 540199
Data sheet
Feature
Value
Type code
SDE3
Symbol
00991165
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
RoHS-compliant
Measured variable
Differential pressure
Method of measurement
Piezoresistive pressure sensor with display
Pressure measuring range initial value
0 bar
Pressure measuring range end value
-1 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Accuracy in ± % FS
2 %FS
Switching output
2xPNP
Switching function
Freely programmable
Switching element function
Switchable
Reproducibility of switching value
0.3 %
Max. output current
100 mA
Short-circuit protection
Pulsed
DC operating voltage range
15 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection
4-pin
M8x1
Plug
as per EN 60947-5-2
Round design
Type of mounting
With through-hole
With H-rail
Mounting position
Any
Pneumatic connection
QS-4
Product weight
37 g
Housing material
PA-reinforced
PC
Display type
Illuminated LCD
Switching status indication
LCD yellow
5/20/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 540199

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54019 OSRAM-54019 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Festo Corporation.
540191 FESTO-540191 Datasheet
93Kb / 2P
Position transmitter
540193 FESTO-540193 Datasheet
93Kb / 2P
Pressure sensor
540194 FESTO-540194 Datasheet
92Kb / 2P
Pressure sensor
540195 FESTO-540195 Datasheet
87Kb / 2P
Pressure sensor
More results

Similar Description - 540199

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com