Electronic Components Datasheet Search
  English  ▼

X  

MMDF3N04HD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF3N04HD
Description  Power MOSFET 3 Amps, 40 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N04HD Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF3N04HD Datasheet HTML 1Page - ON Semiconductor MMDF3N04HD Datasheet HTML 2Page - ON Semiconductor MMDF3N04HD Datasheet HTML 3Page - ON Semiconductor MMDF3N04HD Datasheet HTML 4Page - ON Semiconductor MMDF3N04HD Datasheet HTML 5Page - ON Semiconductor MMDF3N04HD Datasheet HTML 6Page - ON Semiconductor MMDF3N04HD Datasheet HTML 7Page - ON Semiconductor MMDF3N04HD Datasheet HTML 8Page - ON Semiconductor MMDF3N04HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF3N04HD
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
40
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C (Note 1)
Drain Current− Continuous @ TA = 70°C (Note 1)
Drain Current− Pulsed Drain Current (Note 3)
ID
ID
IDM
3.4
3.0
40
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1)
Linear Derating Factor (1)
PD
2.0
16
Watts
mW/
°C
Total Power Dissipation @ TA = 25°C (Note 2)
Linear Derating Factor (2)
PD
1.39
11.11
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak IL = 9.0 Apk, L = 4.0 mH, VDS = 40 Vdc)
EAS
162
mJ
THERMAL RESISTANCE
Rating
Symbol
Typ.
Max.
Unit
Thermal Resistance − Junction to Ambient, PCB Mount (Note 1)
− Junction to Ambient, PCB Mount (Note 2)
RqJA
RqJA
−
−
62.5
90
°C/W
1. When mounted on 1
″ square FR−4 or G−10 board (VGS = 10 V, @ 10 Seconds)
2. When mounted on minimum recommended FR−4 or G−10 board (VGS = 10 V, @ Steady State)
3. Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com