Electronic Components Datasheet Search
  English  ▼

X  

HS3101 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HS3101
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3101 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HS3101 Datasheet HTML 11Page - Renesas Technology Corp HS3101 Datasheet HTML 12Page - Renesas Technology Corp HS3101 Datasheet HTML 13Page - Renesas Technology Corp HS3101 Datasheet HTML 14Page - Renesas Technology Corp HS3101 Datasheet HTML 15Page - Renesas Technology Corp HS3101 Datasheet HTML 16Page - Renesas Technology Corp HS3101 Datasheet HTML 17Page - Renesas Technology Corp HS3101 Datasheet HTML 18Page - Renesas Technology Corp HS3101 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
HS310x Datasheet
X0116303
Rev.1.1
Apr 14, 2021
Page 15
4.10
Reading the HS310x ID Number
The sensor ID is a 32-bit number, and can be read in a similar fashion as illustrated in steps 1 and 2 of
Figure 18, using the appropriate register address values. The ID number is stored in two registers, with the
upper and lower 16 bits stored in register addresses 0x1E and 0x1F, respectively.
5.
Calculating Humidity and Temperature Output
The entire output of the HS310x is 4 bytes. The relative humidity (in percent) and the temperature (in degrees
Celsius) are calculated using Equation 1 and Equation 2, respectively.
(EQ) 1
14
[13 0]
[%RH]
100
21
Humidity
:
Humidity
=
∗
−
(EQ) 2
o
14
[15 2]
[ C]
165 40
21
Temperature
:
Temperature
=
∗−
−
6.
Application Circuit
0.1µF
VDD
RP = Pull-up resistor (2.2kΩ typical)
0.1µF
1 SCL
VDD 4
3 VC
2 SDA
NC 5
VSS 6
RP
RP
Figure 17. HS310x Application Circuit (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com