Electronic Components Datasheet Search
  English  ▼

X  

V2PL45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V2PL45
Description  Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V2PL45 Datasheet(HTML) 1 Page - Vishay Siliconix

  V2PL45 Datasheet HTML 1Page - Vishay Siliconix V2PL45 Datasheet HTML 2Page - Vishay Siliconix V2PL45 Datasheet HTML 3Page - Vishay Siliconix V2PL45 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V2PL45
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-2020
1
Document Number: 87526
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low forward voltage drop
• Low power loss, high efficiency
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications, in commercial, industrial, and automotive
applications.
MECHANICAL DATA
Case: MicroSMP (DO-219AD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, and RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end
Note
(1) The heat generated must be less than the thermal conductivity from junction to ambient: dPD/dTJ < 1/RJA
PRIMARY CHARACTERISTICS
IF(AV)
2 A
VRRM
45 V
IFSM
30 A
VF at IF = 2 A (125 °C)
0.40 V
TJ max.
150 °C
Package
MicroSMP (DO-219AD)
Circuit configuration
Single
MicroSMP (DO-219AD)
eSMP® Series
Top View
Bottom View
A
K
Cathode
Anode
333
DDD3 D
3D Models
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V2PL45
UNIT
Device marking code
2LE
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum DC forward current
IF(AV)
2A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ (1), TSTG
-40 to +150
°C


Similar Part No. - V2PL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V2PL45 VISHAY-V2PL45 Datasheet
107Kb / 4P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
04-Aug-2020
V2PL45L VISHAY-V2PL45L Datasheet
109Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
08-Mar-2022
V2PL45 VISHAY-V2PL45_V01 Datasheet
107Kb / 4P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
04-Aug-2020
More results

Similar Description - V2PL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
18-Oct-10
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
Surface Mount Trench MOS Barrier Schottky Rectifier
30-Jul-13
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
31-Jul-13
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-Mar-14
VSSAF5M12 VISHAY-VSSAF5M12 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
V20PW22 VISHAY-V20PW22 Datasheet
133Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
09-Jan-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com