Electronic Components Datasheet Search
  English  ▼

X  

IXFH26N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH26N50P
Description  Avalanche Rated Fast Instrinsic Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH26N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH26N50P Datasheet HTML 1Page - IXYS Corporation IXFH26N50P Datasheet HTML 2Page - IXYS Corporation IXFH26N50P Datasheet HTML 3Page - IXYS Corporation IXFH26N50P Datasheet HTML 4Page - IXYS Corporation IXFH26N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFV 26N50P
IXFV 26N50PS
IXFH 26N50P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
g
fs
V
DS
= 20 V; I
D = 0.5 ID25, pulse test
16
26
S
C
iss
3600
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
370
pF
C
rss
57
pF
t
d(on)
20
ns
t
r
V
GS
= 10 V, V
DS = 0.5 ID25
25
ns
t
d(off)
R
G
= 4
Ω (External)
58
ns
t
f
20
ns
Q
g(on)
60
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = 0.5 ID25
20
nC
Q
gd
25
nC
R
thJC
0.31
K/W
R
thCK
0.21
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ. max.
I
S
V
GS = 0 V
26
A
I
SM
Repetitive
104
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = 25A, -di/dt = 100 A/µs
300
ns
Q
RM
V
R = 100V
3.3
µC
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
D1
L
L3
L1
E1
e
E
b
D
c
A2
A1
A
L2
Terminals: 1 - Gate
2 - Drain
3 - Source
TAB - Drain
E1
E
L2
D
L3
L
L1
3X b
2X e
c
A2
A1
A
E1
D1
PLUS220 (IXFV) Outline
L
L3
L2
L1
A1
E1
e
D1
E
b
D
c
A2
A
A3
L4
Terminals: 1 - Gate
2 - Drain
3 - Source
TAB - Drain
E
E1
D
L2
A
A1
L1
L
L3
e
2X b
c
A2
L4
A3
E1
PLUS220SMD (IXFV_S) Outline
TO-247 AD (IXFH) Outline
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15
BSC
242
BSC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com