Electronic Components Datasheet Search
  English  ▼

X  

74HC373 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HC373
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC373 Datasheet(HTML) 4 Page - Silicon Supplies

  74HC373 Datasheet HTML 1Page - Silicon Supplies 74HC373 Datasheet HTML 2Page - Silicon Supplies 74HC373 Datasheet HTML 3Page - Silicon Supplies 74HC373 Datasheet HTML 4Page - Silicon Supplies 74HC373 Datasheet HTML 5Page - Silicon Supplies 74HC373 Datasheet HTML 6Page - Silicon Supplies 74HC373 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
www.siliconsupplies.com
High Speed CMOS Logic – 74HC373
Rev 1.0
10/03/21
DC Electrical Characteristics Continued (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5V
VIN = VIH or VIL
│IOUT│≤ 6.0mA
0.26
0.33
0.33
V
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIH or VIL
│IOUT│≤ 7.8mA
0.26
0.33
0.33
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC
or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC
or GND,
IOUT = 0µA
4
40
40
µA
Maximum Three-State
Leakage Current
IOZ
6.0V
Output in
High-
Impedance
State,
VIN = VIH or VIL,
VOUT = VCC or
GND
±0.5
±5.0
±5.0
µA
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
125
155
155
4.5V
25
31
31
Maximum
Propagation Delay,
D to Q, (Figure 1,5)
tPLH, tPHL
6.0V
CL = 50pF,
Input tr = tf = 6ns
21
26
26
ns
2.0V
140
175
175
4.5V
28
35
35
Maximum
Propagation Delay,
LE to Q, (Figure 2,5)
tPLH, tPHL
6.0V
CL = 50pF,
Input tr = tf = 6ns
24
30
30
ns
2.0V
150
190
190
4.5V
30
38
38
Maximum
Propagation Delay,
OE to Q (Figure 3,6)
tPLZ, tPHZ
6.0V
CL = 50pF,
Input tr = tf = 6ns
26
33
33
ns
2.0V
150
190
190
4.5V
30
38
38
Maximum
Propagation Delay,
OE to Q (Figure 3,6)
tPZL, tPZH
6.0V
CL = 50pF,
Input tr = tf = 6ns
26
33
33
ns
5 Not production tested in die form, characterized by chip design



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com