Electronic Components Datasheet Search
  English  ▼

X  

8036876 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8036876
Description  Air flow sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8036876 Datasheet(HTML) 2 Page - Festo Corporation.

  8036876 Datasheet HTML 1Page - Festo Corporation. 8036876 Datasheet HTML 2Page - Festo Corporation. 8036876 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Analog output
0 - 10 V
4 - 20 mA
1 - 5 V
Flow characteristic curve, start value
0 l/min
Flow characteristic curve, end value
100 l/min
Temperature characteristic curve start value
0 °C
Temperature characteristic curve end value
100 °C
Max. load resistance of current output
500 Ohm
Min. load resistance of voltage output
15 kOhm
Short-circuit protection
yes
Overload protection
Available
Protocol
IO-Link®
IO-Link®, protocol version
Device V 1.1
IO-Link®, profile
Smart sensor profile
IO-Link®, function classes
Binary data channel (BDC)
Process data variable (PDV)
Identification
Diagnostics
Teach channel
IO-Link®, communication mode
COM2 (38,4 kBd)
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width OUT
0 Byte
IO-Link®, process data width IN
5 Byte
IO-Link®, process data content IN
1 bit BDC (temperature monitoring)
1 bit BDC (volume monitoring)
14 bit PDV (flow measurement)
14 bit PDV (temperature measurement)
2 bit BDC (flow monitoring)
IO-Link®, service data contents IN
32 bit volume measurement
IO-Link®, minimum cycle time
5 ms
IO-Link®, data memory required
500 byte
DC operating voltage range
18 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection
5-pin
A-coded
M12x1
Plug, straight
Max. cable length
20 m for IO-Link® operation
30 m
Mounting position
Any
Fluid connector
Internal thread G3/4
Product weight
530 g
Housing material
PA-reinforced
Materials in contact with the media
EPDM (peroxide)
ETFE
Stainless steel
PA6T/6I-reinforced
Displayable unit(s)
US gal
US gal/min
cft
cft/min
l
l/h
l/min
m3
°C
°F
5/24/21 - Subject to change - Festo AG & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com