Electronic Components Datasheet Search
  English  ▼

X  

1925689 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925689
Description  Printed-circuit board connector - MVSTBW 2,5/ 5-ST-5,08 BK AU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925689 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925689 Datasheet HTML 1Page - PHOENIX CONTACT 1925689 Datasheet HTML 2Page - PHOENIX CONTACT 1925689 Datasheet HTML 3Page - PHOENIX CONTACT 1925689 Datasheet HTML 4Page - PHOENIX CONTACT 1925689 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1925689
10/23/2014   Page 1 / 5
Printed-circuit board connector - MVSTBW 2,5/ 5-ST-5,08 BK AU - 1925689
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm,
Connection method: Screw connection, Color: black, Contact surface: Gold
The illustration shows version
MVSTBW 2,5/5-ST-5,08 AU
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
10.98 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
20.32 mm
General
Range of articles
MVSTBW 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA


Similar Part No. - 1925689

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192568 FESTO-192568 Datasheet
82Kb / 1P
Micro filter
More results

Similar Description - 1925689

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836891 PHOENIX-1836891 Datasheet
280Kb / 12P
Printed-circuit board connector - MVSTBW 2,5/ 5-ST-5,08 BK
1836901 PHOENIX-1836901 Datasheet
351Kb / 17P
Printed-circuit board connector - MVSTBW 2,5/ 4-ST-5,08 BK
1737479 PHOENIX-1737479 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 AU
1737482 PHOENIX-1737482 Datasheet
66Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 8-ST-5,08 AU
1740547 PHOENIX-1740547 Datasheet
74Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 5-ST BK
1783274 PHOENIX-1783274 Datasheet
65Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 9-ST-5,08 BK
1783287 PHOENIX-1783287 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 2-ST-5,08 BK
1810286 PHOENIX-1810286 Datasheet
66Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 5-ST-5,08 AU
1836914 PHOENIX-1836914 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 BK
1838268 PHOENIX-1838268 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 6-ST-5,08 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com