Electronic Components Datasheet Search
  English  ▼

X  

1937745 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1937745
Description  Printed-circuit board connector - MVSTBW 2,5/ 3-ST KMGY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1937745 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1937745 Datasheet HTML 1Page - PHOENIX CONTACT 1937745 Datasheet HTML 2Page - PHOENIX CONTACT 1937745 Datasheet HTML 3Page - PHOENIX CONTACT 1937745 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1937745
10/23/2014   Page 1 / 4
Printed-circuit board connector - MVSTBW 2,5/ 3-ST KMGY - 1937745
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5 mm, Connection method: Screw
connection, Color: light gray, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
6.62 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
10 mm
General
Range of articles
MVSTBW 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
3
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²


Similar Part No. - 1937745

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1937740000 WEIDMULLER-1937740000 Datasheet
188Kb / 4P
KLIPPON K52 VMQ RAL7001
More results

Similar Description - 1937745

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792595 PHOENIX-1792595 Datasheet
124Kb / 9P
Printed-circuit board connector - MVSTBW 2,5/ 9-ST
1700062 PHOENIX-1700062 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBW 2,5/ 6-ST KMGY LUB
1700075 PHOENIX-1700075 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBW 2,5/ 4-ST KMGY LUB
1700088 PHOENIX-1700088 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBW 2,5/ 5-ST KMGY LUB
1700091 PHOENIX-1700091 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST KMGY LUB
1700101 PHOENIX-1700101 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBW 2,5/ 2-ST KMGY LUB
1700127 PHOENIX-1700127 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST KMGY LUB
1787597 PHOENIX-1787597 Datasheet
80Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST AU
1916449 PHOENIX-1916449 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 LBGY
1946309 PHOENIX-1946309 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST KMGY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com