Electronic Components Datasheet Search
  English  ▼

X  

M28W640FCB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W640FCB
Description  64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB Datasheet(HTML) 1 Page - STMicroelectronics

  M28W640FCB Datasheet HTML 1Page - STMicroelectronics M28W640FCB Datasheet HTML 2Page - STMicroelectronics M28W640FCB Datasheet HTML 3Page - STMicroelectronics M28W640FCB Datasheet HTML 4Page - STMicroelectronics M28W640FCB Datasheet HTML 5Page - STMicroelectronics M28W640FCB Datasheet HTML 6Page - STMicroelectronics M28W640FCB Datasheet HTML 7Page - STMicroelectronics M28W640FCB Datasheet HTML 8Page - STMicroelectronics M28W640FCB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1/55
PRELIMINARY DATA
April 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M28W640FCT
M28W640FCB
64 Mbit (4Mb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
ACCESS TIME: 70, 85, 90,100ns
PROGRAMMING TIME:
10µs typical
Double Word Programming Option
Quadruple Word Programming Option
COMMON FLASH INTERFACE
MEMORY BLOCKS
Parameter Blocks (Top or Bottom
location)
Main Blocks
BLOCK LOCKING
All blocks locked at Power Up
Any combination of blocks can be locked
–WP for Block Lock-Down
SECURITY
128 bit user Programmable OTP cells
64 bit unique device identifier
AUTOMATIC STAND-BY MODE
PROGRAM and ERASE SUSPEND
100,000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Top Device Code, M28W640FCT: 8848h
Bottom Device Code, M28W640FCB:
8849h
PACKAGES
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
Figure 1. Packages
TSOP48 (N)
12 x 20mm
FBGA
TFBGA48 (ZB)
6.39 x 10.5mm


Similar Part No. - M28W640FCB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
logo
Numonyx B.V
M28W640FCB NUMONYX-M28W640FCB Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W640FCB10N1E STMICROELECTRONICS-M28W640FCB10N1E Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
M28W640FCB10N1F STMICROELECTRONICS-M28W640FCB10N1F Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
M28W640FCB10N6E STMICROELECTRONICS-M28W640FCB10N6E Datasheet
534Kb / 77P
64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
23-Oct-2006
More results

Similar Description - M28W640FCB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com