Electronic Components Datasheet Search
  English  ▼

X  

17WT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 17WT
Description  Rack-mounted Power Transducers 17-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17WT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  17WT Datasheet HTML 1Page - M-System Co.,Ltd. 17WT Datasheet HTML 2Page - M-System Co.,Ltd. 17WT Datasheet HTML 3Page - M-System Co.,Ltd. 17WT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 17WT
http://www.m-system.co.jp/
17WT SPECIFICATIONS
ES-2966 Rev.0 Page 3/4
CONNECTION DIAGRAM
LOAD
LOAD
1 2 3
SOURCE
P2
V
P1
U
v
u
FUSE
FUSE
FUSE
FUSE
FUSE
VT
V
v
P3
U
u
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K
5
7
6
1
3
4
2
3-PHASE/3-WIRE
SINGLE-PHASE/2-WIRE
SINGLE-PHASE/3-WIRE
1 2
SOURCE
P2
V
P1
U
v
u
VT
k
l
CT
L
K
1L
1S
5
6
1
2
1 N 2
P0
V
P1
U
v
u
VT
V
v
P2
U
u
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
5
7
6
1
3
4
2
FUSE
FUSE
LOAD
SOURCE
OUTPUT
AUXILIARY
POWER
OUTPUT
OUTPUT
AUXILIARY
POWER
AUXILIARY
POWER
DIMENSIONS unit: mm (inch)
24 (.94)
7 (.28)
78 (3.07)
32 (1.26)
8–M3.5
SCREW
7 (.28)
2–M3
SCREW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com