Electronic Components Datasheet Search
  English  ▼

X  

18BW Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18BW
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BW Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18BW Datasheet HTML 1Page - M-System Co.,Ltd. 18BW Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: 18BW
18BW SPECIFICATIONS
ES-1899 Rev.6 Page 2/2
http://www.m-system.co.jp/
CONNECTION DIAGRAM
1
2
3
4
5
6
7
8
I / O
+
–
I / O*
1
■ WITHOUT INTERNAL RESISTOR
1
2
3
4
5
6
7
8
I / O
+
–
250Ω
I / O*
1
■ WITH INTERNAL RESISTOR
1
2
3
4
5
6
7
8
I / O
+
–
O
F
F
O
N
JP1
*
2
250Ω
I / O*
1
■ JUMPER SELECTABLE
*1. The output signal is OUTPUT 1.
*2. Jumper JP1 is factory set to “ON.”
Note: DO NOT connect to the terminals 5, 6, 7 and 8.
EXTERNAL DIMENSIONS unit: mm (inch)
24 (.94)
7 (.28)
78 (3.07)
32 (1.26)
8–M3.5
SCREW
7 (.28)
2–M3
SCREW
TERMINAL ASSIGNMENTS
1
2
3
4
7
8
5
6
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com