Electronic Components Datasheet Search
  English  ▼

X  

18HZ Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18HZ
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18HZ Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18HZ Datasheet HTML 1Page - M-System Co.,Ltd. 18HZ Datasheet HTML 2Page - M-System Co.,Ltd. 18HZ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18HZ
18HZ SPECIFICATIONS
ES-1870 Rev.6 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
FREQUENCY TRANSDUCER
Functions & Features
• Providing two DC output signals in proportion to deviation
(±5 Hz) from center frequency (50 Hz or 60 Hz)
• DC output containing little ripple is ideal for computer
input
Typical Applications
• Centralized monitoring and control of power management
system in manufacturing facility or building
• Measuring frequency for UPS
MODEL: 18HZ–[1][2]66–R
ORDERING INFORMATION
• Code number: 18HZ-[1][2]66-R
Specify a code from below for each of [1] and [2].
(e.g. 18HZ-1166-R)
[1] FREQUENCY
1: 45 – 55 Hz
2: 55 – 65 Hz
3: 45 – 65 Hz
[2] INPUT
1: 110 V AC
2: 220 V AC
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Operational range: 85 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
Input burden: Approx. 1 VA
OUTPUT SPECIFICATIONS
3
OUT
5V
1
55
65 Hz
45
■ OPERATION DIAGRAM (example)
INSTALLATION
Current consumption: Approx. 60 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18BXx or 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±1.0 %
Temp. coefficient: ±0.1 %/°C (±0.06 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (100/120 Hz)
Line voltage effect: ±0.1 % over voltage range


Similar Part No. - 18HZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18H100M VISHAY-18H100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
18H12M288 VISHAY-18H12M288 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
logo
List of Unclassifed Man...
18H32AT-32.000-S ETC2-18H32AT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
18H32BT-32.000-S ETC2-18H32BT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
18H32CT-32.000-S ETC2-18H32CT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
More results

Similar Description - 18HZ

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18AS2 MSYSTEM-18AS2 Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com