Electronic Components Datasheet Search
  English  ▼

X  

18JDL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18JDL
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18JDL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18JDL Datasheet HTML 1Page - M-System Co.,Ltd. 18JDL Datasheet HTML 2Page - M-System Co.,Ltd. 18JDL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18JDL
18JDL SPECIFICATIONS
ES-1874 Rev.13 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
CURRENT LOOP SUPPLY
(linearizing; field-programmable)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Microprocessor based
• Shortcircuit protection
• Applicable to smart transmitters
• Field-programmable linearization data
• Loop testing via hand-held programmer PU-2x
• Usable as Linearizer for 4 – 20 mA DC signals
• Second channel output available at the front terminals
and at the Standard Rack connector
Typical Applications
• Various 2-wire transmitters
• Providing isolation and linearization for a 2-wire
temperature transmitter
• Linearizing weir flowmeter output to provide a linear-to-
volume signal
MODEL: 18JDL–A[1]66–R
ORDERING INFORMATION
• Code number: 18JDL-A[1]66-R
Specify a code from below for [1].
(e.g. 18JDL-A366-R)
Default setting (table next) will be used if not otherwise
specified.
No linearization data will be programmed if you don't
specify type of linearization and required data.
• Linearization data
Code 1 segment data: Use Ordering Information Sheet (No.
ESU-1669) to specify linearization data.
Code 3 T/C, Code 4 RTD: Specify input sensor type and
temperature range.
LINEARIZATION CODE
DEFAULT
r
a
e
n
i
L
a
t
a
d
t
n
e
m
g
e
S
:
1
2: Square root extraction
–––
3: Thermocouple
K
0 – 1000°C
0
0
1
–
0
0
0
1
t
P
D
T
R
:
4
°C
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
[1] LINEARIZATION
0: None
1: Segment data
2: Square root extraction
3: Thermocouple
4: RTD
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)


Similar Part No. - 18JDL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18JDN MSYSTEM-18JDN Datasheet
102Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDN-A66-R MSYSTEM-18JDN-A66-R Datasheet
102Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18JDL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com