Electronic Components Datasheet Search
  English  ▼

X  

18JF Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18JF
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18JF Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18JF Datasheet HTML 1Page - M-System Co.,Ltd. 18JF Datasheet HTML 2Page - M-System Co.,Ltd. 18JF Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18JF
18JF SPECIFICATIONS
ES-1880 Rev.11 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
2-input MATH FUNCTION MODULE
(field-programmable)
Functions & Features
• Providing temperature or pressure compensation for a gas
flow, and other arithmetic operations
• Microprocessor based
• Equation and parameters selectable on site via hand-held
programmer PU-2x
• Loop testing
• Second channel output available at the front terminals
and at the Standard Rack connector
Typical Applications
• Various flowmeters
• Adding two flows
• Ratio calculation
• Calculating average temperature
MODEL: 18JF–[1]66–R[2]
ORDERING INFORMATION
• Code number: 18JF-[1]66-R[2]
Specify a code from below for each of [1] and [2].
(e.g. 18JF-666-R/3)
Use Ordering Information Sheet (No. ESU-1980). Default
setting will be used if not otherwise specified.
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 100 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
Equation (Refer to the EQUATION table)
/1: Temperature compensation for DP flowmeter (ideal gas)
/2: Pressure compensation for DP flowmeter (ideal gas)
/3: Addition/subtraction
/4: Multiplication
/5: Division
EQUATION
Equation parameters
X0: output (%)
X1 to X2: input (%)
K0 to K2: gain ±29.999
A0 to A2: bias (%) ±299.99 %
EQUATION
/1: Temperature compensation for DP flowmeter (ideal gas)
K1X1
X0 =
K2X2+A2
where X0 : compensated flow (linear characteristic)
X1 : uncompensated flow (square root extraction available)
X2 : temperature
/2: Pressure compensation for DP flowmeter (ideal gas)
X0 = K1X1
K2X2+A2
where X0 : compensated flow (linear characteristic)
X1 : uncompensated flow (square root extraction available)
X2 : pressure
/3: Addition/subtraction
X 0 = K0 {K1 (X1+A1) + K2 (X2+A2)} + A0
/4: Multiplication
X0 = K0 (K1X1+A1) (K2X2+A2) + A0
/5:Division
K0 (K1X1+A1)
X0 =
+ A0
(K2X2+A2)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - 18JF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18JFX MSYSTEM-18JFX Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JFX-666-R MSYSTEM-18JFX-666-R Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JFX-A66-R MSYSTEM-18JFX-A66-R Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JFX-H66-R MSYSTEM-18JFX-H66-R Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JFX-U166-R MSYSTEM-18JFX-U166-R Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18JF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18AS2 MSYSTEM-18AS2 Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com