Electronic Components Datasheet Search
  English  ▼

X  

RVP7 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # RVP7
Description  KILOVOLT RECTIFIER ASSEMBLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RVP7 Datasheet(HTML) 2 Page - Electronic devices inc.

  RVP7 Datasheet HTML 1Page - Electronic devices inc. RVP7 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
FIG.3
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMPERATURE
(
OC)
It is recommended that a proper heat sink be used on the terminals of this device between the body and the soldering point to
prevent damage form excess heat.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV.
IKC REP.RATE, 10
SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
TEST CIRCUIT
FIG.4
TYPICAL REVERSE RECOVERY WAVEFORM
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
3
8
MAX.
L
1
6-32 THREAD X / DEEP
4
(2) MTG. INSERTS
1
4
1
4
CASE STYLE A
KVP
RVP
NON-REPETITIVE SURGE CURRENT RATINGS
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
0.1SEC
1.0SEC
4
3
4
3
(ALL DIMENSIONS IN INCHES)
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com