Electronic Components Datasheet Search
  English  ▼

X  

RG4A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RG4A
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RG4A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RG4A Datasheet HTML 1Page - List of Unclassifed Manufacturers RG4A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
BLGALAXY ELECTRICAL
Document Number 0262037
2.
RATINGS AND CHARACTERISTIC CURVES
RG4Y(Z)---RG4C(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIMEBASEFOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.4 -- PEAK FORWARD SURGE CURRENT
FIG.5--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
t rr
- 1 .0 A
- 0 .2 5 A
0
+0.5A
1cm
0
1
3
2
5
025
50
75
100
125
150
4
RG4Y
RG4Z,RG4
RG4A,RG4C
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
15
1 0
0
50
10 0
40
60
20
80
RG 4 Y
RG 4 Z ,R G 4
RG 4 A
RG 4 C
8.3m s S ingle H a lf
S in e -W a v e
     TJ=25
10
20
50
100
200
0.1 0.2 0.4
1
2
4
10
40
100
20
RG4A,RG4C
RG4Y,RG4Z,RG4
70
0
0.01
0.1
1.0
10
T J =25
Pu lse W idth =300
µS
0.4
0.8
1.2 1.6
2.0 2.4
2.8
3.2
3.6 4
RG 4Y
E G 01Z
RG 4C
RG 4
RG 4A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com