Electronic Components Datasheet Search
  English  ▼

X  

OM5002ST Datasheet(PDF) 1 Page - International Rectifier

Part # OM5002ST
Description  15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5002ST Datasheet(HTML) 1 Page - International Rectifier

  OM5002ST Datasheet HTML 1Page - International Rectifier OM5002ST Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 35
3.2
4 11 R2
Supersedes 1 07 R1
15 AMP ULTRA FAST RECTIFIER IN SMALL
HERMETIC PACKAGE
FEATURES
• Small Size
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic Isolated Package
• High Surge
• Low Thermal Resistance
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. This series of ultra fast rectifiers
is packaged in a small easy-to-use hermetic package replacing conventional DO-4
and TO-3 packaging. These devices are ideally suited for Hi-Rel applications where
small size and a hermetically sealed package are required. All devices are available
Hi-Rel screened in Omnirel's facility.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . 15 A
Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 180 A
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to +150° C
Z
OM5005ST
OM5006ST
15 Amp, 50 To 600 Volts, 35 To 50 ns trr
CATHODE
ANODE
PIN CONNECTION
OM5001ST
OM5002ST
OM5003ST
OM5004ST
OM5007ST
.045
.035
.430
.410
.200
.190
.038 MAX.
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.200 TYP.
.045
.035
.005
MECHANICAL OUTLINE


Similar Part No. - OM5002ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
39Kb / 2P
15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
15 Amp, 50 To 600 Volts, 35 To 50 ns trr
logo
List of Unclassifed Man...
OM5008ST ETC2-OM5008ST Datasheet
23Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
logo
International Rectifier
OM5008ST IRF-OM5008ST Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
More results

Similar Description - OM5002ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4001ST ETC-OM4001ST Datasheet
15Kb / 2P
15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
1N6766 ETC1-1N6766 Datasheet
16Kb / 2P
400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
logo
Sensitron
SHD116236 SENSITRON-SHD116236 Datasheet
157Kb / 3P
200 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1/B PACKAGE.
logo
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
logo
Solid States Devices, I...
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR612 SSDI-SDR612 Datasheet
198Kb / 2P
15 AMP 200-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR936CT-3 SSDI-SDR936CT-3 Datasheet
215Kb / 2P
15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
OM4003ST ETC2-OM4003ST Datasheet
22Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
Solid States Devices, I...
SDR12U080 SSDI-SDR12U080 Datasheet
138Kb / 2P
12 AMP ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com