Electronic Components Datasheet Search
  English  ▼

X  

RVP50 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RVP50
Description  KILOVOLT RECTIFIER ASSEMBLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RVP50 Datasheet(HTML) 1 Page - Electronic devices inc.

  RVP50 Datasheet HTML 1Page - Electronic devices inc. RVP50 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVP
RVP
MATCHED SILICON RECTIFIER ELEMENTS
RATED CURRENT TO 1.0 AMPERES
PRV 5,000 TO 50,000 VOLTS
FAST RECOVERY (RVP SERIES)
ALL APPLICABLE MIL-STD-750 TESTS
HIGH THERMAL CONDUCTIVITY ENCAPSULATION
Max. Reverse Recovery Time , Trr (Fig.4)
300 nanosec
Max. DC Reverse Current @ PRV and 25
oC, IR
250
Amps
Storage Temperature Range, TSTG
A
5
Ambient Operating Temperature Range,TA
Max. DC Reverse Current @ PRV and 100
oC, IR
30
Amps
8
A
-55
to +150
oC
oC
-55
to +150
oC
oC
RVP SERIES
FAST
RECOVERY
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
FRM
Max.One-Half Cycle Surge Current, IFM
(Surge )@ 60Hz
FRM
Max. DC Reverse Current @ PRV and 25
oC, IR
100
Max.One-Half Cycle Surge Current, I FM
Amps
Storage Temperature Range, TSTG
A
5
Ambient Operating Temperature Range,TA
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 100
oC, IR
50
Amps
10
A
-55
to +150
oC
oC
-55
to +150
oC
oC
KVP SERIES
STANDARD
RECOVERY
(Surge )@ 60Hz
KILOVOLT RECTIFIER ASSEMBLIES
EDI Type No.
Peak
Reverse Voltage
PRV ( Volt s)
Avg . Fwd .Cu rre nt
IO at 25
oC
(Am ps)
o
VF
Dim ensi on
L
Inches
Fig .3
STANDARD RECOVERY
KVP5
5,000
1.00
8
2.5
KVP6
6,000
1.00
9
2.5
KVP7
7,000
1.00
10
3.0
KVP8
8,00 0
1.00
11
3.0
KVP9
9,000
1.00
14
3.0
KV P10
10,000
1.00
15
3.5
KV P15
15,000
1.00
21
5.0
KV P20
20,000
.75
26
5.5
KV P25
25,000
.75
32
6.0
KVP30
30,000
.75
39
6.0
KV P35
35,000
.75
46
6.5
KV P40
40,000
.75
53
6.5
KV P50
50,000
.75
65
7.0
ND RECOVERY (FIG.4)
200 NANOSECO
RVP5
5,000
.90
10
2.5
RVP6
6,000
.90
11
2.5
RV P7
7,000
.90
12
3.0
RV P8
8,000
.90
13
3.0
RV P9
9,000
.90
16
3.0
RV P10
10,000
.90
17
3.5
RV P15
15,000
.90
25
5.0
RV P20
20,000
.70
30
5.5
RV P25
25,000
.70
36
6.0
RV P30
30,000
.70
43
6.0
RV P35
35,000
.70
50
6.5
RV P40
40,000
.70
58
6.5
RV P50
50,000
.70
72
7.0
Forward Current Repetitive Peak,I
Forward Current Repetitive Peak,I
C
Inch es
Fig .3
Dim ensi on
4
1/
2
1/
3
8
/
4
1/
3
8
/
2
1/
/
1
4
/
1
4
/
EDI reserves the right to change these specifications at any time without notice.
Max. Fwd Voltage
Drop at 25 C
and 1A.
(Volts)


Similar Part No. - RVP50

ManufacturerPart #DatasheetDescription
logo
Optronics International
RVPLL11AB OPTRONICS-RVPLL11AB Datasheet
136Kb / 3P
Replacement lenses
RVPLL11CB OPTRONICS-RVPLL11CB Datasheet
136Kb / 3P
Replacement lenses
More results

Similar Description - RVP50

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Solid States Devices, I...
SDA403GF SSDI-SDA403GF Datasheet
164Kb / 2P
5AMP FAST RECOVERT THREE PHASE BRIDGE RECTIFIER ASSEMBLIES
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
KMO EDI-KMO Datasheet
49Kb / 2P
HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
483-1 NJSEMI-483-1 Datasheet
107Kb / 1P
RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
Rectifier & SCR Assemblies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com