Electronic Components Datasheet Search
  English  ▼

X  

OM5004ST Datasheet(PDF) 2 Page - International Rectifier

Part # OM5004ST
Description  15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5004ST Datasheet(HTML) 2 Page - International Rectifier

  OM5004ST Datasheet HTML 1Page - International Rectifier OM5004ST Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5001ST - OM5007ST
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS
Maximum
Maximum
Maximum Maximum
Type
PIV
Forward
Reverse
Reverse
Thermal
Voltage (1)
Current
Recovery
Resist.
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time (2)
Rq
q
JC
OM5001ST
50
OM5002ST
100
OM5003ST
150
1.1V @ 15A
0.90V @ 15A
20 µA
1 mA
35 nsec
2.0
OM5004ST
200
OM5005ST
300
1.35V @ 15A 1.15V @ 15A
20 µA
1 mA
50 nsec
1.8
OM5006ST
400
OM5007ST
600
1.6V@ 15 A
1.4V@ 15A
20 µA
2 mA
50 nsec
1.8
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
(2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
50 V TO 200 V
TYPICAL FORWARD VOLTAGE
OM5001, 5002, 5003, 5004
300 V TO 400V
TYPICAL FORWARD VOLTAGE
OM5005, 5006
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
TYPICAL REVERSE CURRENT
OM5001, 5002, 5003, 5004
25°C
v
R REVERSE VOLTAGE (VOLTS)
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
50
100
150 200 250 300
350 400 450 500
TYPICAL REVERSE CURRENT
OM5005, 5006
25°C
T
J = 150°C
100°C
v
R REVERSE VOLTAGE (VOLTS)
100°C
T
J = 150°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com