Electronic Components Datasheet Search
  English  ▼

X  

CCM1374 Datasheet(PDF) 2 Page - Tyco Electronics

Part # CCM1374
Description  Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CCM1374 Datasheet(HTML) 2 Page - Tyco Electronics

  CCM1374 Datasheet HTML 1Page - Tyco Electronics CCM1374 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated Cur.
Dimension (mm)
Digi-Key
Pricing
Corcom
Fig. 120 V (Amps)
Termination
A
B
C
D
Part No.
1
25
100
Part No.
Series EDP — For General Purpose Application
6
1
PCB
36.58
31.50
24.13
—
CCM1364-ND
17.79
311.00
1039.00
1EDP
3
PCB
36.58
31.50
24.13
—
CCM1365-ND
16.62
290.50
971.00
3EDP
Series EJT1 — Compact RFI Filter For Higher Frequency Applications
1A
Faston
56.6
30.2
22.2
40.0
CCM1652-ND
17.17
300.25
1003.00
1EJT1
3A
Faston
56.6
30.2
22.2
40.0
CCM1653-ND
17.10
298.75
999.00
3EJT1
10
6A
Faston
56.6
30.2
22.2
40.0
CCM1654-ND
17.07
298.50
998.00
6EJT1
10A
Faston
56.6
30.2
22.2
40.0
CCM1655-ND
17.17
300.25
1003.00
10EJT1
15A
Faston
56.6
30.2
22.2
40.0
CCM1656-ND
17.40
304.25
1016.00
15EJT1
Series EJT8 — Compact RFI Filter For Higher Frequency Applications
1A
Wire Lead
56.6
30.2
22.2
40.0
CCM1657-ND
16.37
286.25
956.00
1EJT8
3A
Wire Lead
56.6
30.2
22.2
40.0
CCM1658-ND
16.37
286.25
956.00
3EJT8
10
6A
Wire Lead
56.6
30.2
22.2
40.0
CCM1659-ND
16.61
290.25
970.00
6EJT8
10A
Wire Lead
56.6
30.2
22.2
40.0
CCM1660-ND
16.69
291.75
974.00
10EJT8
15A
Wire Lead
56.6
30.2
22.2
40.0
CCM1661-ND
16.93
296.00
988.00
15EJT8
Series EOP — For General Purpose Application
6
1
PCB
36.58
31.50
19.81
—
CCM1366-ND
14.70
256.75
859.00
1EOP
3
PCB
36.58
31.50
19.81
—
CCM1367-ND
13.42
234.75
783.00
3EOP
Series EP — Line Filter For Switching Power Supply Noise Suppression
2
3
Faston
97.80
52.60
45.20
74.63
CCM1619-ND
34.40
601.50
2008.00
3EP1
10
Faston
168.10 52.60
70.60
142.88
CCM1644-ND
77.91
1362.25
4549.01
10EP1
Series EXP — For Emission Control Applications
5
3
PCB
66.29
28.70
41.15
—
CCM1370-ND
22.23
388.50
1298.00
3EXP
6
PCB
66.29
28.70
44.45
—
CCM1371-ND
36.00
629.25
2102.00
6EXP
Series EZP — For Emission Control Applications
5
2
PCB
66.29
28.70
44.45
—
CCM1368-ND
27.70
484.25
1618.00
2EZP
3
PCB
66.29
28.70
44.45
—
CCM1369-ND
28.44
497.25
1661.00
3EZP
Series H — Line Filter For Healthcare Equipment
1
6
Faston
57.20
46.10
16.70
53.98
CCM1608-ND
13.54
236.75
791.00
6EH1
Series HT — High Performance Line Filter For Medical Equipment
2
6
Faston
90.40
54.60
46.00
74.63
CCM1606-ND
45.80
800.75
2673.00
6EHT1
Series K — Line Filter
2
Faston
78.70
52.60
23.10
60.33
CCM1627-ND
16.04
280.50
937.00
2VK1
3
Faston
78.70
52.60
29.50
60.33
CCM1618-ND
19.04
333.00
1113.00
3VK1
1
5
Faston
78.70
52.60
29.50
60.33
CCM1613-ND
16.32
285.25
953.00
5VK1
10
Faston
85.10
52.60
29.50
60.33
CCM1641-ND
17.22
301.00
1006.00
10VK1
20
Faston
85.10
65.00
38.90
74.63
CCM1632-ND
25.70
449.50
1501.00
20VK1
20
Faston
85.10
65.00
38.90
74.63
CCM1633-ND
25.96
454.00
1516.00
20EK1
4
20
Stud
87.90
65.00
38.90
74.63
CCM1631-ND
29.72
519.75
1734.99
20VK6
30
Stud
135.60 85.90
38.90
95.25
CCM1625-ND
55.70
973.75
3253.00
30VK6
9
2
Wire Lead
46.00
52.60
23.10
60.33
CCM1626-ND
17.30
302.75
1011.00
2VK3
5
Wire Lead
46.00
52.60
29.50
60.33
CCM1612-ND
18.39
321.50
1074.00
5VK3
Series MV — Multipurpose Line Filter For Medical Applications
2
10
Faston
98.00
52.80
38.90
74.63
CCM1642-ND
40.24
703.25
2349.00
10MV1
Series N - High Performance Line Filter for Switching Power Supplies
2
10
Faston
119.10 57.70
45.70
103.20
CCM1649-ND
83.82
1465.50
4894.01
10VN1
Series Q — Line Filters For Switching Power Supply Emissions Down to 10kHz
2
3
Faston
97.80
52.60
45.20
74.63
CCM1651-ND
52.28
914.00
3053.00
3EQ1
6
Faston
126.50 57.70
45.70
103.20
CCM1605-ND
77.70
1358.50
4537.99
6EQ1
Series R — Line Filter, 2 Stage
2
Faston
85.09
45.97
29.46
60.33
CCM1331-ND
23.05
403.00
1345.00
2VR1
3
Faston
97.79
52.58
29.46
74.63
CCM1332-ND
24.74
432.25
1443.00
3VR1
2
5
Faston
97.79
52.58
29.46
74.63
CCM1333-ND
23.26
406.50
1359.00
5VR1
10
Faston
97.79
52.58
38.86
74.63
CCM1334-ND
24.40
426.50
1425.00
10VR1
20
Faston
132.84 85.60
38.86
95.25
CCM1335-ND
59.19
1034.75
3457.00
20VR1
10
Stud
100.58 52.58
38.86
74.63
CCM1360-ND
28.94
506.00
1689.00
10VR6
2
Wire Lead
52.58
45.97
29.46
60.33
CCM1341-ND
25.48
445.50
1487.00
2VR3
8
5
Wire Lead
65.02
52.58
29.46
74.63
CCM1343-ND
25.68
449.00
1500.00
5VR3
10
Wire Lead
65.02
52.58
38.86
74.63
CCM1344-ND
25.23
441.25
1474.00
10VR3
Series S — Line Filter For Emission Control
3
Faston
85.30
46.20
29.50
60.33
CCM1617-ND
30.28
529.50
1768.00
3VS1
2
6
Faston
98.00
52.80
38.90
74.63
CCM1603-ND
30.28
529.50
1768.00
6VS1
10
Faston
98.00
52.80
38.90
74.63
CCM1640-ND
35.67
623.50
2082.00
10VS1
20
Faston
132.80 85.90
38.90
95.25
CCM1648-ND
78.85
1378.25
4603.00
20VS1
Series SK — Line Filter - High Performance K Series
2
20
Stud
127.30 57.20
45.20
103.20
CCM1630-ND
57.40
1003.50
3351.99
20VSK6
7
30
Stud
125.00 79.25
69.85
87.30
CCM1624-ND
69.01
1206.75
4030.00
30VSK6
40
Stud
152.40 79.25
55.40
88.90
CCM1615-ND
76.44
1336.50
4463.00
40VSK6
Series T — High Performance Line Filter For Switching Power Supplies
6
Faston
90.40
54.60
46.00
74.63
CCM1604-ND
46.51
813.25
2716.01
6ET1
2
10
Faston
119.10 57.70
45.70
103.20
CCM1643-ND
67.19
1174.50
3923.00
10ET1
10
Faston
119.10 57.70
45.70
103.20
CCM1639-ND
67.19
1174.50
3923.00
10VT1
3
15
Faston
138.40 79.20
55.40
88.90
CCM1635-ND
88.39
1545.50
5161.01
15ET1
Series U — For Power Factor Corrected Power Supplies
2
6.5
6EU1 Faston
125.73 57.66
45.72
103.12
CCM1363-ND
59.16
1034.25
3455.00
6EU1
Series V — Line Filter For Emission Control
2
6
Faston
98.00
52.80
38.90
74.63
CCM1602-ND
34.23
598.25
1998.00
6VV1
10
Faston
98.00
52.80
38.90
74.63
CCM1638-ND
38.61
675.00
2254.00
10VV1
3
20
Faston
132.80 85.90
38.90
95.25
CCM1629-ND
82.49
1442.00
4815.99
20VV1
Series W — Line Filter For Emission Control, 2 Stage
3
Faston
85.30
46.20
32.50
60.33
CCM1616-ND
36.06
630.25
2105.00
3VW1
2
6
Faston
98.00
52.80
38.90
74.63
CCM1601-ND
36.06
630.25
2105.00
6VW1
10
Faston
98.00
52.80
38.90
74.63
CCM1637-ND
41.36
723.00
2414.99
10VW1
3
20
Faston
132.80 85.90
38.90
95.25
CCM1628-ND
84.34
1474.50
4925.01
20VW1
More Product Available Online: www.digikey.com
Toll-Free: 1-800-344-4539 • Phone: 218-681-6674 • Fax: 218-681-3380
(T053)
951
000 (T052)
Fig. 7
Fig. 5
8.89
C
A
B
3.12
C
A
B
Fig. 3
Fig. 4
Fig. 6
Fig. 8
Fig. 9
D
A
B
C
D
A
B
C
D
A
B
C
D
A
B
C
A
D
C
B
Fig. 10
V
D E
V
D E
V
D E
V
D E
V
D E
V
D E
+
S
V
D E
+
S
V
D E
+
S
*Note:
EJT1
A
B
EJT8
has wire leads
C
D
50.3
RF Line Filters (Cont.)
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com