Electronic Components Datasheet Search
  English  ▼

X  

552802 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552802
Description  Fiber-optic unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552802 Datasheet(HTML) 1 Page - Festo Corporation.

  552802 Datasheet HTML 1Page - Festo Corporation. 552802 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fiber-optic unit
SOE4-FO-D-HF2-1NU-K
Part number: 552802
Data sheet
Feature
Value
Type code
SOE4
Design
Block design
Conforms to standard
EN 60947-5-2
Symbol
00992133
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Measured variable
Position
Measuring principle
Optoelectronic
Method of measurement
Fiber-optic unit
Type of light
Red
Mutual interference
Protected
Up to four devices mounted directly next to each another
Ambient temperature
-20 °C ... 60 °C
Switching output
NPN
Switching element function
Switchable
Max. switching frequency
Standard mode 1000 Hz
Fine mode 125 Hz
Fast mode 8000 Hz
High distance mode 125 Hz
Max. output current
100 mA
Voltage drop
≤2.4 V
Analog output
0 - 10 V
Display
0000 - 4093
Timer function
1 - 2000 ms
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 30 V
Residual ripple
10 %
Idle current
≤25 mA
Reverse polarity protection
for all electrical operating voltage connections
Electrical connection
5-wire
Cable
Cable length
2 m
Material of cable sheath
TPE-U(PUR)
Type of mounting
With through-hole
With H-rail
Mounting position
Any
5/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 552802

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552800 FESTO-552800 Datasheet
90Kb / 2P
Fiber-optic unit
552801 FESTO-552801 Datasheet
93Kb / 2P
Fiber-optic unit
More results

Similar Description - 552802

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Festo Corporation.
552795 FESTO-552795 Datasheet
89Kb / 2P
Fiber-optic unit
552796 FESTO-552796 Datasheet
91Kb / 2P
Fiber-optic unit
552797 FESTO-552797 Datasheet
89Kb / 2P
Fiber-optic unit
552798 FESTO-552798 Datasheet
91Kb / 2P
Fiber-optic unit
552799 FESTO-552799 Datasheet
90Kb / 2P
Fiber-optic unit
552800 FESTO-552800 Datasheet
90Kb / 2P
Fiber-optic unit
552801 FESTO-552801 Datasheet
93Kb / 2P
Fiber-optic unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com