Electronic Components Datasheet Search
  English  ▼

X  

AS6VA25616 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6VA25616
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6VA25616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2000
Copyright ©2000 Alliance Semiconductor. All rights reserved.
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
1
2.7V to 3.3V 256K × 16 Intelliwatt™ low-power CMOS SRAM with one chip enable
Features
• AS6VA25616
• Intelliwatt™ active power circuitry
• Industrial and commercial temperature ranges available
• Organization: 262,144 words × 16 bits
• 2.7V to 3.3V at 55 ns
• Low power consumption: ACTIVE
- 132 mW at 3.3V and 55 ns
• Low power consumption: STANDBY
- 66 µW max at 3.3V
• 1.2V data retention
• Equal access and cycle times
• Easy memory expansion with CS, OE inputs
• Smallest footprint packages
- 48-ball FBGA
- 400-mil 44-pin TSOP II
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
256K × 16
Array
(4,194,304)
OE
CS
WE
Column decoder
A0
A1
A2
A3
A4
A6
A7
A8
VCC
VSS
A12
A13
Control circuit
I/O1–I/O8
I/O9–I/O16
UB
LB
I/O
buffer
Pin arrangement (top view)
48-CSP Ball-Grid-Array Package
123456
ALB
OE
A0
A1
A2
NC
BI/O9
UB
A3
A4
CS
I/O1
C
I/O10 I/O11
A5
A6
I/O2
I/O3
DVSS I/O12 A17
A7
I/O4
VCC
EVCC I/O13
NC
A16
I/O5
VSS
F
I/O15 I/O14
A14
A15
I/O6
I/O7
G
I/O16
NC
A12
A13
WE
I/O8
HNC
A8
A9
A10
A11
NC
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O14
I/O13
VSS
VCC
I/O12
I/O11
I/O10
I/O9
NC
A8
A9
A10
A11
A12
A0
CS
I/O1
I/O2
I/O3
I/O4
VCC
VSS
I/O5
I/O6
I/O7
I/O8
WE
A17
A16
A15
44-pin 400-mil TSOP II
21
22
A14
A13
UB
LB
I/O16
I/O15
2
A3
3
A2
4
A1
1
A4
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A6
A7
OE
A5
Selection guide
Product
VCC Range
Speed
(ns)
Power Dissipation
Min
(V)
Typ2
(V)
Max
(V)
Operating (ICC)
Standby (ISB1)
Max (mA)
Max (
µA)
AS6VA25616
2.7
3.0
3.3
55
2
20


Similar Part No. - AS6VA25616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6VA5128-BC ETC-AS6VA5128-BC Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6VA5128-BI ETC-AS6VA5128-BI Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
More results

Similar Description - AS6VA25616

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
logo
List of Unclassifed Man...
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
logo
Lyontek Inc.
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com