Electronic Components Datasheet Search
  English  ▼

X  

ETRGQ Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRGQ
Description  HOME APPLICATION RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRGQ Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRGQ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGQ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGQ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
5
71.4
70
6
60
100
9
40
225
12
30
400
15
24
625
18
20
900
24
15
1,600
48
7.5
6,400
GQ
(DM2F)
60
6
10,000
Abt. 0.36
80%
Max.
5%
Min.
110%
▓PART NUMBER SYSTEM
ETR
GQ - SS - 1
12
L
M
1
F
Z
Z: RoHS Compliant
Insulation System Nil: Standard Class
F: Class F
Rated Carrying Current
1: 10A
2: 16A
Contact Form:
M: One Form A
Coil Type:
D: New structure Standard DC, 16A
L: High Sensitivity DC Coil
Coil Voltage:
03:3V, 05:5V, 06:6V, 09:9V, 12:12V
15:15V, 18:18V, 24:24V, 48:48V, 60:60V
Number of Pole:
1: One Pole
Type of Sealing:
SS: Flow Solder Type
SH: Plastic Sealed Type
Model Name: GQ
Series Name: ETR
* Marking without: “ETR” & “Z”.
* 16A is DM2F TYPE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com