Electronic Components Datasheet Search
  English  ▼

X  

18KPP Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18KPP
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KPP Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18KPP Datasheet HTML 1Page - M-System Co.,Ltd. 18KPP Datasheet HTML 2Page - M-System Co.,Ltd. 18KPP Datasheet HTML 3Page - M-System Co.,Ltd. 18KPP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 18KPP
18KPP SPECIFICATIONS
ES-0461 Rev.1 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
6
4
7
8
Waveform
Shaper
12V
Supply
1
3
2
*
Output
Driver
Output
Driver
1
3
2
+
−
INPUT
+
SENSOR EXCITATION
* 4kΩ is connected with mechanical contact and open collector input.
200Ω, 510Ω or 1kΩ are connected with two-wire current pulse input (Changeable with jumper).
** With power switch only
Use either of module or external field terminals.
OUTPUT 2
OUTPUT 1
POWER
+
−
OUTPUT 2
+
−
**
Section A. Field Terminals
Module
Field Terminals
(Section A)
External
Field Terminals
(Section A)
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com