Electronic Components Datasheet Search
  English  ▼

X  

18KYV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KYV
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KYV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KYV Datasheet HTML 1Page - M-System Co.,Ltd. 18KYV Datasheet HTML 2Page - M-System Co.,Ltd. 18KYV Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18KYV
18KYV SPECIFICATIONS
ES-0487 Rev.1 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
INPUT ISOLATOR
Functions & Features
• Isolates and outputs 1 - 5 V DC
• Module can be retracted without removing wiring for an
insulation test
MODEL: 18KYV-666-R
ORDERING INFORMATION
• Code number: 18KYV-666-R
INPUT
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
and connector
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
INSTALLATION
Current consumption: Approx. 35 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input to output 1
to output 2 to power to ground)


Similar Part No. - 18KYV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KYC MSYSTEM-18KYC Datasheet
103Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYC-AA-R MSYSTEM-18KYC-AA-R Datasheet
103Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYC-AA-R/S MSYSTEM-18KYC-AA-R/S Datasheet
103Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH-AA-R MSYSTEM-18KYCH-AA-R Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KYV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com