Electronic Components Datasheet Search
  English  ▼

X  

HM9715 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9715
Description  High-side power switch with logo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9715 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9715 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESD敏感度
HBM (人体模式)……………………………………………………………………………………….……………….4kV
MM (机械模式)…………………………………………………………………………………….…………….........200V
电气特性(注 4)
(Vin=5V,Cin=Cout=1uF,TA=25℃,除非另有说明)
参数
条件
最小值
典型值
最大值
单
位
输入电压
2.5
5.5
V
HM9715A
VIN = 5V, IOUT = 1A
80
100
mΩ
HM9715B
VIN = 5V, IOUT = 0.5A
80
100
mΩ
HM9715C
VIN = 5V, IOUT = 0.5A
80
100
mΩ
导通电阻
HM9715D
VIN = 5V, IOUT = 0.5A
80
100
mΩ
开关管打开
, VOUT = OPEN
25
45
μA
输入电流
开关管关闭
, VOUT = OPEN
0. 1
1
μA
逻辑低电压
, VIN = 2.5V ~5.5V
0.8
V
EN / EN 阈值
逻辑高电压
, VIN = 2.5V ~5.5V
2.0
V
EN/ EN 输入电流
VEN /
EN =0 ~5.5V
0.01
μA
输出漏电流
VEN =0V, V
EN =5V, RLOAD =0Ω
0.5
10
μA
输出开启上升时间
输出电压的
10%上升到 90%
400
us
HM9715A
1.78
2.1
2.42
HM9715B
1.27
1.5
1.73
HM9715C
0.85
1
1.15
限流
HM9715D
输出电流递增
(<0.1A/ms)
0.52
0.65
0.78
A
HM9715A
1.3
HM9715B
0.8
HM9715C
0.6
短路折回电流
HM9715D
VOUT=0V,在热关断时测量
0.4
A
FLAG 输出电阻
ISINK=1mA
20
400
Ω
FLAG 关断电流
V
FLG =5V
0.01
1
μA
FLAG 延迟时间
从故障条件到
FLG 维持时间
5
12
20
ms
关断拉低电阻
VEN =0V, V
EN =5V
(不适应于 PJ9715□□
K)
75
150
Ω
3 / 8
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com