Electronic Components Datasheet Search
  English  ▼

X  

HM9715C Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9715C
Description  High-side power switch with logo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9715C Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9715C Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715C Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
引脚描述
引脚序号
引脚名称
引脚功能
1
VOUT
输出电压。
2
GND
电源地。
3
FLG
开漏故障标志输出。
4
EN
芯片使能。两个版本,高有效和低有效。
5
VIN
电源输入电压。
功能框图
图
2 功能框图(输出放电通道不适应于HM9715
□□K)
最大绝对额定值 (注1)
输入电压
………………………………………………………………………………………………………….……6.0V
使能电压
……………………………………………………………………………………..………….……−0.3V ~ 6.0V
标志电压
……………………………………………………………………………………………….……………... 6.0V
功耗
, PD @ TA = 25°C
SOT-23-5L……………………………………………………………………………………………….…………..0.4W
封装热阻 (
注
2)
SOT-23-5L, θJA………………………………………………………………………………………………….250°C/W
结温 (
注
3)……………………………………………………………………………………………………………..125°C
引脚温度
(焊接, 10s.)……………………………………………………………...………………………………...260°C
储存温度范围
…………………………………………………………………………….…………………−65°C ~ 150°C
2 / 8
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com