Electronic Components Datasheet Search
  English  ▼

X  

HM9804 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9804
Description  80V 1A Switching Current Buck PFM LED Constant Current Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9804 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM9804 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
80V 1A Switching Current Buck PFM LED Constant Current Driver
HM9804
Rev 1.1
8
VIN=60V DC
1W LED Series
Vin(V)
Iin(mA)
Vout(V)
Iout(mA)
Fosc(KHz)
Effiency(%)
3*2
59.96
115
9.95
609
24.1
87.88
4*2
59.96
148
13.22
605
29.0
90.13
5*2
59.96
180
16.53
600
33.0
91.89
6*2
59.96
211
19.73
596
35.9
92.95
7*2
59.95
242
22.98
592
38.0
93.77
8*2
59.95
271
26.18
587
39.0
94.59
VIN=72V DC
1W LED Series
Vin(V)
Iin(mA)
Vout(V)
Iout(mA)
Fosc(KHz)
Effiency(%)
3*2
72.08
97
9.86
615
24.2
86.73
4*2
72.07
124
13.12
611
29.4
89.70
5*2
72.06
151
16.43
606
34.0
91.50
6*2
72.05
178
19.66
603
37.7
92.44
7*2
72.04
204
22.90
598
40.7
93.18
8*2
72.04
229
26.11
594
43.0
94.01
Figure8.
HM9804 System efficiency curve
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com