Electronic Components Datasheet Search
  English  ▼

X  

HM9901 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9901
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9901 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9901 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9901 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
______________________________________ ____________________________________________________ ____________________________
When the battery voltage becomes higher
than the overcharge detection voltage (VCU)
during charging under normal condition
and the state continues for the overcharge
detection delay time (tCU) or longer, the
HM9901 turns the charging control FET
off to stop charging. This condition is called
the overcharge condition. The overcharge
condition is released in the following two
cases:
1, When the battery voltage drops below
the overcharge release voltage (VCL), the
HM9901 turns the charging control FET
on and returns to the normal condition.
2, When a load is connected and
discharging starts, the HM9901 turns the
charging control FET on and returns to the
normal condition. The release mechanism
is as follows: the discharging current flows
through an internal parasitic diode of the
charging FET immediately after a load is
connected and discharging starts, and the
VM pin voltage increases about 0.7 V
(forward voltage of the diode) from the
GND pin voltage momentarily. The
HM9901 detects this voltage and
releases the overcharge condition.
Consequently, in the case that the battery
voltage is equal to or lower than the
overcharge detection voltage (VCU), the
HM9901 returns to the normal condition
immediately, but in the case the battery
voltage is higher than the overcharge
detection voltage (VCU),the chip does not
return to the normal condition until the
battery voltage drops below the overcharge
detection voltage (VCU) even if the load is
connected. In addition, if the VM pin
voltage is equal to or lower than the
overcurrent detection voltage when a load
is connected and discharging starts, the
chip does not return to the normal
condition.
Remark If the battery is charged to a voltage higher
than the overcharge detection voltage (VCU) and
the battery voltage does not drops below the
overcharge detection voltage (VCU) even when a
heavy load, which causes an overcurrent, is
connected, the overcurrent do not work until the
battery voltage drops below the overcharge
detection voltage (VCU). Since an actual battery has,
however, an internal impedance of several dozens
of mΩ , and the battery voltage drops immediately
after a heavy load which causes an overcurrent is
connected, the overcurrent work. Detection of load
short-circuiting works regardless of the battery
voltage.
Overdischarge Condition
When the battery voltage drops below the
overdischarge detection voltage (VDL)
during discharging under normal condition
and it continues for the overdischarge
detection delay time (tDL) or longer, the
HM9901 turns the discharging control
FET off and stops discharging. This
condition is called overdischarge condition.
After the discharging control FET is turned
off, the VM pin is pulled up by the RVMD
resistor
between VM and VDD in HM9901.
Meanwhile when VM is bigger than 1.5
V (typ.) (the load short-circuiting detection
voltage), the current of the chip is reduced
to the power-down current (IPDN). This
condition is called power-down condition.
The VM and VDD pins are shorted by the
RVMD resistor in the IC under the
overdischarge and power-down conditions.
The power-down condition is released
when a charger is connected and the
potential difference between VM and VDD
becomes 1.3 V (typ.) or higher (load short-
circuiting detection voltage). At this time,
the FET is still off. When the battery
voltage becomes the overdischarge
detection voltage (VDL) or higher (see note),
the HM9901 turns the FET on and
changes to the normal condition from the
overdischarge condition.
Remark If the VM pin voltage is no less than the
charger detection voltage (VCHA), when the battery
under overdischarge condition is connected to a
charger, the overdischarge condition is released
HM9901



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com