Electronic Components Datasheet Search
  English  ▼

X  

DS0345 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0345
Description  PIN DIODE SP5T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0345 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0345 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPICAL PERFORMANCE
at 25
°C
3000
1000
400
100
40
10
1.2
1.3
1.4
1.5
1.6
0.5
1.5
2.0
2.5
3.0
20
60
80
100
120
1.0
0
0
1.1
1.0
40
FREQUENCY (MHz)
VSWR
ISO
I. LOSS
.xx = .02
.xxx = .010
.79
.600
1.100
1.36
PART IDENTIFICATION
.018
±.002 DIA
24 PLACES
.20
.20
.100 TYP
1
12
13
24
CONTRASTING
COLOR BEAD
RF2
21
RF3
18
RF1
24
2
43
8 10 11 12 14 16 17 19 20 22
1
23
GND
CONT 1
“0”
RF COM
9
CONT 3
“1”
CONT 2
“0” +15V
RF4
15
5
CONT 4
“0”
RF5
13
6
CONT 5
“0”
7
N/C
N/C
N/C = No Internal Connection
• •• •• • •• • •
•
•
•
•
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
6 0
1500
MHz
DC Current
8
12
mA
At +15 VDC Supply
Control Type
CMOS
5 Line
Logic “1” = On
Logic “0” = Off
Control Current
High
±10 µA
VIH = + V
Low
±10 µA
VIL = 0 V
Insertion Loss
1.0
1.5
dB
Isolation
25
36
dB
VSWR
Thru
1.1/1
1.3/1
Impedance
50
OHMS
Switching Speed
920
µSEC
50% Control to 90% / 10% RF
RF Power
Operate
+19
+10
dBm
Operating Temperature
-55
+25
+125
°CTA
Add - RL to P/N For Reverse Logic: Logic “0” = On
GUARANTEED PERFORMANCE
MODEL NO.
DS0345
PIN Diode SP5T
FEATURES
60 - 1500 MHz
8 mA, +15 VDC
CMOS Driver
24 Pin DIP
Low Cost
SP5T
D A ICO
I ndustries


Similar Part No. - DS0345

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS03-254 SAMESKY-DS03-254 Datasheet
235Kb / 3P
DIP SWITCH
09/12/2024
logo
Vishay Siliconix
DS030070 VISHAY-DS030070 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
DS030070 VISHAY-DS030070 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS030070BP501##BJ1 VISHAY-DS030070BP501##BJ1 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results

Similar Description - DS0345

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1285 DAICO-100C1285 Datasheet
27Kb / 1P
PIN Diode SP5T
100C1295 DAICO-100C1295 Datasheet
27Kb / 1P
High Isolation PIN Diode SP5T
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
MASW-005100 MACOM-MASW-005100 Datasheet
845Kb / 7P
Monolithic PIN SP5T Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com