Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  CCA 2,5/ 8-G-5,08 P26THRR56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT 0804303 Datasheet HTML 4Page - PHOENIX CONTACT 0804303 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
CCA 2,5/ 8-G-5,08 P26THRR56
Order No.: 1955099
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1955099
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 8, Pitch: 5.08 mm, Color: black, Metal surface:
Sn, Assembly: SMD/THT/THR, User information and design
recommendations on through hole reflow technology can be found at:
http://www.combicon.com
 
Commercial data
GTIN (EAN)
4
017918
925901
Note
Made-to-order
sales group
E172
Pack
330 pcs.
Customs tariff
85366990
Catalog page information
Page 239 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12 mm
Pitch
5.08 mm


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955002 PHOENIX-1955002 Datasheet
127Kb / 5P
CCA 2,5/10-G-5,08 P26THR
1955028 PHOENIX-1955028 Datasheet
127Kb / 5P
CCA 2,5/12-G-5,08 P26THR
1954647 PHOENIX-1954647 Datasheet
115Kb / 3P
Base strip - CC 2,5/ 8-G-5,08 P26THRR56
1955060 PHOENIX-1955060 Datasheet
117Kb / 3P
Base strip - CCA 2,5/ 5-G-5,08 P26THRR56
1955073 PHOENIX-1955073 Datasheet
167Kb / 5P
CCA 2,5/ 6-G-5,08 P26THRR56
1955086 PHOENIX-1955086 Datasheet
163Kb / 5P
CCA 2,5/ 7-G-5,08 P26THRR56
1955222 PHOENIX-1955222 Datasheet
127Kb / 5P
CCA 2,5/ 8-G-5,08 RNP26THR
1955581 PHOENIX-1955581 Datasheet
155Kb / 3P
Printed-circuit board connector - CCV 2,5/ 8-G-5,08 P26THRR56
1956027 PHOENIX-1956027 Datasheet
97Kb / 3P
Printed-circuit board connector - CCVA 2,5/ 8-G-5,08 P26THRR56
11/05/2018
1955992 PHOENIX-1955992 Datasheet
1Mb / 27P
CCVA 2,5/ 5-G-5,08 P26THRR56 - PCB header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com