Electronic Components Datasheet Search
  English  ▼

X  

1955264 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1955264
Description  Printed-circuit board connector - CCA 2,5/12-G-5,08 RNP26THR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1955264 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1955264 Datasheet HTML 1Page - PHOENIX CONTACT 1955264 Datasheet HTML 2Page - PHOENIX CONTACT 1955264 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1955264
10/24/2014   Page 1 / 3
Printed-circuit board connector - CCA 2,5/12-G-5,08 RNP26THR - 1955264
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 12, Pitch: 5.08 mm, Color:
black, Contact surface: Tin, Assembly: SMD/THT/THR, Article with self-locking flange; user information and
design recommendations on through-hole reflow technology can be found at: "Downloads"
The figure shows a 10-position
version of the product
Product Features
 Standard pin length of 2.6 mm, other pin lengths available on request
 Plug-in direction parallel to the PCB
 Delivery form: box packaging, in bulk for small series
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
4.81 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Height
8.6 mm
Pitch
5.08 mm
Dimension a
55.88 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.6 mm
General
Range of articles
CCA 2,5/..-G-RN


Similar Part No. - 1955264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955206 PHOENIX-1955206 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 6-G-5,08 RNP26THR
1955219 PHOENIX-1955219 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 7-G-5,08 RNP26THR
1955222 PHOENIX-1955222 Datasheet
127Kb / 5P
CCA 2,5/ 8-G-5,08 RNP26THR
1955235 PHOENIX-1955235 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 9-G-5,08 RNP26THR
1955248 PHOENIX-1955248 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/10-G-5,08 RNP26THR
More results

Similar Description - 1955264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955167 PHOENIX-1955167 Datasheet
136Kb / 7P
Printed-circuit board connector - CCA 2,5/ 2-G-5,08 RNP26THR
1955170 PHOENIX-1955170 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 3-G-5,08 RNP26THR
1955183 PHOENIX-1955183 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 4-G-5,08 RNP26THR
1955196 PHOENIX-1955196 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 5-G-5,08 RNP26THR
1955138 PHOENIX-1955138 Datasheet
104Kb / 4P
Printed-circuit board connector - CCA 2,5/12-G-5,08 P26THRR88
1955206 PHOENIX-1955206 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 6-G-5,08 RNP26THR
1955219 PHOENIX-1955219 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 7-G-5,08 RNP26THR
1955235 PHOENIX-1955235 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/ 9-G-5,08 RNP26THR
1955248 PHOENIX-1955248 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/10-G-5,08 RNP26THR
1955251 PHOENIX-1955251 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/11-G-5,08 RNP26THR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com