Electronic Components Datasheet Search
  English  ▼

X  

TPSM828213SILR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM828213SILR
Description  TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM828213SILR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPSM828213SILR Datasheet HTML 11Page - Texas Instruments TPSM828213SILR Datasheet HTML 12Page - Texas Instruments TPSM828213SILR Datasheet HTML 13Page - Texas Instruments TPSM828213SILR Datasheet HTML 14Page - Texas Instruments TPSM828213SILR Datasheet HTML 15Page - Texas Instruments TPSM828213SILR Datasheet HTML 16Page - Texas Instruments TPSM828213SILR Datasheet HTML 17Page - Texas Instruments TPSM828213SILR Datasheet HTML 18Page - Texas Instruments TPSM828213SILR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
9.2.1.3 Application Performance Curves
TA = 25°C, VIN = 5 V, VOUT = 1.8 V, BOM = Table 9-1 unless otherwise noted.
9.2.1.3.1 TPSM82821 Performance Curves
VIN = 5 V
TA = 25°C
TPSM82821
Figure 9-3. Efficiency
VIN = 5 V
TA = 85°C
TPSM82821
Figure 9-4. Efficiency
VIN = 4.2 V
TA = 25°C
TPSM82821
Figure 9-5. Efficiency
VIN = 4.2 V
TA = 85°C
TPSM82821
Figure 9-6. Efficiency
VIN = 3.3 V
TA = 25°C
TPSM82821
Figure 9-7. Efficiency
VIN = 3.3 V
TA = 85°C
TPSM82821
Figure 9-8. Efficiency
www.ti.com
TPSM82823, TPSM82822, TPSM82821
SLVSEP0E – APRIL 2018 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSM82823 TPSM82822 TPSM82821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com