Electronic Components Datasheet Search
  English  ▼

X  

18PP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18PP
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18PP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18PP Datasheet HTML 1Page - M-System Co.,Ltd. 18PP Datasheet HTML 2Page - M-System Co.,Ltd. 18PP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 18PP
18PP SPECIFICATIONS
ES-1861 Rev.7 Page 2/3
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Excitation: 12 V DC ±10 % @ 40 mA; shortcircuit protection
■ Open Collector
Input pulse sensing: DC coupled
Pulse width time requirement: ≥ 20 μsec. for ON and OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 5 V for ON, ≥ 100 kΩ / 7 V for OFF
■ Mechanical Contact
Input pulse sensing: DC coupled
Pulse width time requirement: ≥ 20 msec. for ON and OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 5 V for ON, ≥ 100 kΩ / 7 V for OFF
Time constant: 10 msec. (able to cancel it by changing
jumper, J6)
■ Voltage Pulse: Square or sine waveform
Input pulse sensing: AC coupled
Input impedance: ≥ 10 kΩ
(Refer the graph and tables below for waveform, detection
level range, the minimum amplitude, pulse width (duty
ratio) and frequency requirements)
Square Waveform
Pulse width is the smaller of TH or T L.
Duty ratio = frequency
× TH × 100 (%)
Sine or similar waveform
The input frequency range is 10 Hz to 10 kHz.
1 – 50Vp-p
TH
TL
0V
1 – 50Vp-p
Detection level range
: -50 to +50 V; max. 50 Vp-p
Waveform requirements
Square Waveform
FREQUENCY RANGE
AMPLITUDE
PULSE WIDTH & DUTY RATIO
0 to 10 kHz
1 to 3Vp-p
Duty 50 ±10%
0 to 10 kHz
Min. 3Vp-p
Min. 60 µsec.*
*When the frequency is 6 kHz or more, the pulse
width is 30 µsec. or more.
Sine or similar waveform
FREQUENCY RANGE
AMPLITUDE
PULSE WIDTH & DUTY RATIO
50 Hz to 10 kHz
1 to 3Vp-p
-
10 Hz to 10 kHz
Min. 3Vp-p
-
■ Two-wire Current Pulse
Input pulse sensing: AC coupled
Refer to the table above for the minimum amplitude, pulse
width (duty ratio) and frequency requirements.
Convert the current to the voltage for the amplitude.
OUTPUT SPECIFICATIONS
Open collector
Rating: 30 V DC @ 100 mA (resistive load)
Maximum frequency: 10 kHz
Saturation voltage: 0.5 V DC
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18BXx or 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output 1 or output 2 or power)
500 V AC @ 1 minute
(output 1 to output 2 to power)
1500 V AC @ 1 minute
(input or output or power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com