Electronic Components Datasheet Search
  English  ▼

X  

18RP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18RP
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18RP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18RP Datasheet HTML 1Page - M-System Co.,Ltd. 18RP Datasheet HTML 2Page - M-System Co.,Ltd. 18RP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18RP
18RP SPECIFICATIONS
ES-1867 Rev.8 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
VAR TRANSDUCER
Functions & Features
• Providing two DC output signals in proportion to AC
reactive power
• DC output containing little ripple is ideal for computer
input
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
MODEL: 18RP–1[1][2]66–R
ORDERING INFORMATION
• Code number: 18RP-1[1][2]66-R
Specify a code from below for each of [1] and [2].
(e.g. 18RP-11P66-R)
• Calibration range (e.g. lag 1000 – lead 1000 var)
• VT ratio, CT ratio (e.g. VT 3300/110 V, CT 250/5 A)
CONFIGURATION
1: 3-phase / 3-wire
[1] INPUT (unbalanced load)
(Voltage must be balanced.)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
[2] OUTPUT SIGNAL POLARITY
P: Negative in lag, positive in lead
M: Negative in lead, positive in lag
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output 1: Connector
Output 2: Connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Voltage input to current input to output 1 to
output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)


Similar Part No. - 18RP

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18R103 CANDD-18R103 Datasheet
60Kb / 2P
Radial Lead Inductors
logo
Murata Manufacturing Co...
18R103C MURATA-18R103C Datasheet
112Kb / 2P
Radial Lead Inductors
logo
Murata Power Solutions ...
18R103C MURATA-PS-18R103C Datasheet
172Kb / 2P
Radial Lead Inductors
logo
C&D Technologies
18R104 CANDD-18R104 Datasheet
60Kb / 2P
Radial Lead Inductors
logo
Murata Manufacturing Co...
18R104C MURATA-18R104C Datasheet
112Kb / 2P
Radial Lead Inductors
More results

Similar Description - 18RP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com