Electronic Components Datasheet Search
  English  ▼

X  

BOH00EZ Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOH00EZ
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOH00EZ Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOH00EZ Datasheet HTML 1Page - Balluff Korea Ltd. BOH00EZ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOH TI-R002-033-TF-01-S49F
Order Code: BOH00EZ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 267369
ETIM 6.0: EC002716
BOH00EZ_0.3_2021-04-01
1 / 2
1) Emitter, 2) Receiver, 3) Optical axis
Basic features
Additional features
Wafer detection
Approval/Conformity
CE
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Optical sensor head
Reference base unit
BAE SA-OH-029-…
Series
R002
Style
Square
Connection 90°
Electrical connection
Cable diameter D
1.1 mm
Cable length L
1 m
Connection
Cable with connector, M8x1-
Female, 3-pin, 1 m, PFA
Contact, surface protection
Gold plated
Environmental conditions
Ambient temperature
-10...55 °C
IP rating
IP40
Functional safety
MTTF (40 °C)
1268 a
Material
Housing material
LCP, Natural
Epoxy-resin/fiberglass
Material jacket
PFA
Material sensing surface
Epoxy
Mechanical data
Dimension
2.4 x 1.5 x 7 mm
Mounting part
Clamps
Glue
Optical features
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light type
LED infrared
Principle of optical operation
Through-beam sensor
Smallest part typ.
Ø 0.1 mm wire
Wave length
850 nm
Output/Interface
Switching output
for switching amplifier
Range/Distance
Range
0 m...800 mm
Rated operating distance Sn
800 mm


Similar Part No. - BOH00EZ

ManufacturerPart #DatasheetDescription
logo
Level One
BOH-1100 LVL1-BOH-1100 Datasheet
297Kb / 3P
PoE Upgradable Outdoor Housing
BOH-1400 LVL1-BOH-1400 Datasheet
496Kb / 4P
Weatherproof IP66-rated with wide operating temperature Power support: High Power PoE
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure
BOH-1401 LVL1-BOH-1401 Datasheet
510Kb / 4P
Weatherproof IP66-rated with wide operating temperature Power support: High Power PoE
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
More results

Similar Description - BOH00EZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
2017-11-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com