Electronic Components Datasheet Search
  English  ▼

X  

SOD Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # SOD
Description  200W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

SOD Datasheet(HTML) 4 Page - WeEn Semiconductors

  SOD Datasheet HTML 1Page - WeEn Semiconductors SOD Datasheet HTML 2Page - WeEn Semiconductors SOD Datasheet HTML 3Page - WeEn Semiconductors SOD Datasheet HTML 4Page - WeEn Semiconductors SOD Datasheet HTML 5Page - WeEn Semiconductors SOD Datasheet HTML 6Page - WeEn Semiconductors SOD Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WeEn Semiconductors
SOD series
200W Transient Voltage Suppressor
SOD series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2020. All rights reserved
23 December 2020
4 / 7
Uni-directional V=0V
Bi-directional V=0V
SOD xx xx
Product series
Reverse Standard off Voltage V
R
A: Uni-directional
CA: Bi-directional
XXJYW
XX:Product Type Marking Code
Trace Code Marking
J: Fab & Assembly location Code
Y: Year Code
W: Week Code
(for uni-directional products only)
Cathode band
Fig. 7. Typical junction capacitance
Fig. 8. Part numbering
Fig. 9. Part marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com