Electronic Components Datasheet Search
  English  ▼

X  

STF24N60DM2 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # STF24N60DM2
Description  N-Channel 650-V (D-S) Super Junction MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STF24N60DM2 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STF24N60DM2 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STF24N60DM2 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
• Reduced trr, Qrr, and IRRM
• Low figure-of-merit (FOM) Ron x Qg
• Low input capacitance (Ciss)
• Low switching losses due to reduced Qrr
• Ultra low gate charge (Qg)
• Avalanche energy rated (UIS)
APPLICATIONS
• Telecommunications
- Server and telecom power supplies
• Lighting
- High-intensity discharge (HID)
- Fluorescent ballast lighting
• Consumer and computing
- ATX power supplies
• Industrial
- Welding
- Battery chargers
• Renewable energy
- Solar (PV inverters)
• Switch mode power supplies (SMPS)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25 , IAS = 5.1 A.
c. 1.6 mm from case.
d. ISD  ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
650
RDS(on) max. () at 25 °C
VGS = 10 V
0.1
9
Qg max. (nC)
106
Qgs (nC)
14
Qgd (nC)
33
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
2
0
A
TC = 100 °C
13
Pulsed Drain Current a
IDM
53
Linear Derating Factor
1.7
W/°C
Single Pulse Avalanche Energy b
EAS
367
mJ
Maximum Power Dissipation
PD
208
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
37
V/ns
Reverse Diode dV/dt d
31
Soldering Recommendations (Peak Temperature) c
for 10 s
300
°C
N-Channel
650-V (D-S) Super Junction MOSFET
TO-220AB
Top View
GD S
G D S
TO-220 FULLPAK
Top View
TO-247AC
G
D
S
Top View
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STF24N60DM2
1


Similar Part No. - STF24N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF24N60DM2 STMICROELECTRONICS-STF24N60DM2 Datasheet
821Kb / 13P
Extremely high dv/dt ruggedness
05-Mar-2015
logo
Inchange Semiconductor ...
STF24N60DM2 ISC-STF24N60DM2 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF24N60DM2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
18N50L-TF1-T VBSEMI-18N50L-TF1-T Datasheet
2Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
24N60M2 VBSEMI-24N60M2 Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
R6015FNX VBSEMI-R6015FNX Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
STF22NM60N VBSEMI-STF22NM60N Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
STF26NM60N VBSEMI-STF26NM60N Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
STP20NM50FP VBSEMI-STP20NM50FP Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
SVF20N50F VBSEMI-SVF20N50F Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
SW16N65K VBSEMI-SW16N65K Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
SW20N65K VBSEMI-SW20N65K Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
VBM165R20S VBSEMI-VBM165R20S_V01 Datasheet
445Kb / 8P
N-Channel 650 V (D-S) Super Junction MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com