Electronic Components Datasheet Search
  English  ▼

X  

ETB45 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETB45
Description  PLUG IN TYPE TERMINAL BLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETB45 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETB45 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETB45 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Terminal Block
PLUG IN TYPE TERMINAL BLOCK
R50130520
E133988(R)
ETB45 SERIES
CLAMPING TYPE
PITCH=3.81mm
■ FEATURES
Special wire protector design to ensure reliable wire clamping
Be capable of clamping a wide range of wire diameters
The Male connector of plug using a twin leaf phosphor bronze contact mates with the
Female socket
The Female socket is mounted and soldered to the P.C.B.
Good for insertion & withdrawal
UL 94V-0 grade fire retardant engineering plastic used for the housing
■ SPECIFICATIONS
Pitch
3.81mm
Wire range
28~16 AWG (1.5mm²)
No. of pole per block
2P to 16P
Rating
7 Amp, 300 VAC
Housing
PA66
Wire cage
Nickel plated over Zinc Alloy
Contacts
Tin plated over Phosphor bronze
Screws
M2.0x0.4P, Zinc plated over Steel
Torque
0.2 N-m (1.7 lb-in) (tested by manual torque screwdriver)
Operating temperature -30℃~+105℃ (includes temperature rise limit)
Stripping length
6mm
Contact resistance
<15mΩ
UL Approval
300V, 7A, 28~16 AWG
TUV Approval
130V, 8A Max., 0.2 to 1.0mm²
Plug in with ETB47
■ PART NUMBERING SYSTEM
ETB 45 XX 0 X X 00 Z
Z: RoHS Compliant
Special number
Screw type:
0: “+” screw
1: “-” screw
Housing color:
B: Blue, G: Green, K: Black
Number of poles
Series
Model


Similar Part No. - ETB45

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB41 ECE-ETB41 Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB4102B000Z ECE-ETB4102B000Z Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB4102B100Z ECE-ETB4102B100Z Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB4102G000Z ECE-ETB4102G000Z Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB4102G100Z ECE-ETB4102G100Z Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
More results

Similar Description - ETB45

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB88 ECE-ETB88 Datasheet
109Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB81 ECE-ETB81 Datasheet
139Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB84 ECE-ETB84 Datasheet
100Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB85 ECE-ETB85 Datasheet
140Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB86 ECE-ETB86 Datasheet
145Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB43 ECE-ETB43 Datasheet
132Kb / 4P
PLUG IN TYPE TERMINAL BLOCK
ETB44 ECE-ETB44 Datasheet
106Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB47 ECE-ETB47 Datasheet
102Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB41 ECE-ETB41 Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB4C ECE-ETB4C Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com