Electronic Components Datasheet Search
  English  ▼

X  

ATR2805SF Datasheet(PDF) 1 Page - International Rectifier

Part # ATR2805SF
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805SF Datasheet(HTML) 1 Page - International Rectifier

  ATR2805SF Datasheet HTML 1Page - International Rectifier ATR2805SF Datasheet HTML 2Page - International Rectifier ATR2805SF Datasheet HTML 3Page - International Rectifier ATR2805SF Datasheet HTML 4Page - International Rectifier ATR2805SF Datasheet HTML 5Page - International Rectifier ATR2805SF Datasheet HTML 6Page - International Rectifier ATR2805SF Datasheet HTML 7Page - International Rectifier ATR2805SF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/29/02
www.irf.com
1
ADVANCED ANALOG
HYBRID-HIGH RELIABILITY
DC/DC CONVERTERS
ATR28XXD SERIES
Description
n 16 to 40 VDC Input Range (28 VDC Nominal)
n ±12V and ±15V Outputs Available
n Indefinite Short Circuit and Overload
Protection
n 35 W/in
3
Power Density
n 30 Watt Output Power
n Fast Loop Response for Superior Transient
Characteristics
n Operating Temperature Range from -55°C to
+125°C
n Popular Industry Standard Pin-Out
n Resistance Seam Welded Case for Superior
Long Term Hermeticity
n Ceramic Feed-thru Pins
n External Synchronization
n High Efficiency
n Shutdown from External Signal
n Military Screening
Features
ATR
28V Input, Dual Output
The advanced feedback design provides fast loop re-
sponse for superior line and load transient character-
istics and offers greater reliability and radiation toler-
ance than devices incorporating optical feedback cir-
cuits.
Three standard temperature grades are offered with
screening options. Refer to Part Number section. They
can be provided in a standard plug-in package for PC
mounting or in a flanged package for more severe en-
vironments.
These converters are manufactured in a facility certi-
fied to MIL-PRF-38534. All processes used to manu-
facture these converters have been qualified to enable
Advanced Analog to deliver compliant devices.
Four screening grades are available to satisfy a wide
range of requirements. The CH grade converters are
fully compliant to MIL-PRF-38534 for class H. The HB
grade converters are processed to full class H screen-
ing but do not have class H element evaluation as re-
quired by MIL-PRF-38534. Both grades are fully tested
and operate over the full military temperature range
without derating of output power. The ES version is a
full temperature device without the full class H or ele-
ment evaluation. The non-suffix device is a low cost
limited temperature range option. Variations in
electrical, mechanical and screening can be ac-
commodated.
Extensive computer simulation using complex
modeling enables rapid design modification to
be provided. Contact Advanced Analog with spe-
cific requirements.
The ATR28XXD Series of DC/DC converters feature
high power density and an extended temperature range
for use in military and industrial applications. Designed
to MIL-STD-704D input requirements, these devices
have nominal 28VDC inputs with ±12V and ±15V dual
outputs to satisfy a wide range of requirements. The
circuit design incorporates a pulse width modulated
single forward topology operating in the feed-forward
mode at a nominal switching frequency of 550KHz.
Input to output isolation is achieved through the use of
transformers in the forward and feedback circuits.
PD - 94550


Similar Part No. - ATR2805SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2805SF/CH IRF-ATR2805SF/CH Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2805SF/ES IRF-ATR2805SF/ES Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2805SF/HB IRF-ATR2805SF/HB Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2805SFCH IRF-ATR2805SFCH Datasheet
288Kb / 12P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
ATR2805SFES IRF-ATR2805SFES Datasheet
288Kb / 12P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - ATR2805SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com