Electronic Components Datasheet Search
  English  ▼

X  

26R141/BL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 26R141/BL
Description  Head-mounted Two-wire Signal Conditioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

26R141/BL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  26R141/BL Datasheet HTML 1Page - M-System Co.,Ltd. 26R141/BL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 26R1
26R1 SPECIFICATIONS
ES-4262 Rev.8 Page 1/2
https://www.m-system.co.jp/
Head-mounted Two-wire Signal Conditioners
26-UNIT
RTD TRANSMITTER
(non-isolated)
Functions & Features
• Accepts direct input from an RTD and provides
a standard 4 – 20 mA DC signal
• Linearization and burnout
• Wide operating temperature range suitable for
harsh environments
Typical Applications
• Mounting in a sensor connection head minimizes noise
effect and signal degradation
43.5 (1.71) DIA.
25
(.98)
mm (inch)
5
4
3
2
1
MODEL: 26R1–[1][2][3]
ORDERING INFORMATION
• Code number: 26R1-[1][2][3]
Specify a code from below for each of [1] through [3].
(e.g. 26R1-41)
• Temperature range (e.g. 0 – 100°C)
[1] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
3: Pt 100 (JIS'89)
4: Pt 100 (JIS'97, IEC)
Note: Consult M-System for 2-wire RTD
[2] TEMPERATURE UNIT
1: °C
2: °F
[3] OPTIONS
Burnout
blank: Upscale burnout
/BL: Downscale burnout
GENERAL SPECIFICATIONS
Construction: Sensor head-mounting
Connection: Euro type terminal
Applicable wire size: 0.14 – 1.5 mm2, stripped length 6 mm
Housing material: Flame-resistant resin (black)
Zero adjustment: -1 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Linearization: Standard
INPUT SPECIFICATIONS
Maximum leadwire resistance: 20 Ω per wire (3-wire)
Sensing current: 1 mA
Temperature range
°C: 0 – 50, 0 – 100, 0 – 150, 0 – 200, 0 – 300,
0 – 400, 0 – 500, 0 – 650
°F: 0 – 100, 0 – 200, 0 – 300, 0 – 400, 0 – 600,
0 – 800, 0 – 1000, 0 – 1200
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 8.5 (V)) ÷ 0.02
(A)
(including leadwire resistance)
8.5
15
10
20
25
30 32
0
200
400
600
800
1000
1175
SUPPLY VOLTAGE [V]
(775Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 8.5 – 32 V DC
Operating temperature: -40 to +85°C (-40 to +185°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: Head-mounting (DIN type B head)
Weight: 30 g (1.1 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % or ±0.1°C (±0.2°F), whichever is greater.
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)


Similar Part No. - 26R141/BL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26RS-1 MSYSTEM-26RS-1 Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26RS-1/BL MSYSTEM-26RS-1/BL Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26RS-1/K MSYSTEM-26RS-1/K Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26RS-3 MSYSTEM-26RS-3 Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
More results

Similar Description - 26R141/BL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
27HU MSYSTEM-27HU Datasheet
156Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27HUB MSYSTEM-27HUB Datasheet
199Kb / 7P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27PM MSYSTEM-27PM Datasheet
131Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27R MSYSTEM-27R Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27RS MSYSTEM-27RS Datasheet
160Kb / 4P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27TS MSYSTEM-27TS Datasheet
147Kb / 3P
Head-mounted Two-wire Signal Conditioners 27-UNIT
27U MSYSTEM-27U Datasheet
158Kb / 5P
Head-mounted Two-wire Signal Conditioners 27-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com