Electronic Components Datasheet Search
  English  ▼

X  

ME3-O3 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ME3-O3
Description  Electrochemical Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ME3-O3 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ME3-O3 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME3-O3 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME3-O3 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME3-O3 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME3-O3 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China
7.Anti-Interference:
ME3-O3 sensor also responds to other gases besides target gas. Below are the response characteristics of
interferential gases
Gas
Concentration
ME3-O3
CL2
3ppm
1ppm
H2S
15ppm
<-1ppm
CO
300ppm
0ppm
SO2
5ppm
0ppm
HCN
10ppm
0ppm
HCL
5ppm
0ppm
NO
35ppm
0ppm
NO2
5ppm
2ppm
H2
500ppm
0ppm
C2H4
100ppm
0ppm
8. Application Notes:
Sensor shall Avoid organic solvent, coatings, medicine, oil and high concentration gases;
All ME Sensors shall not be encapsulated completely by resin materials, and shall not immerse in
pure oxygen environment, otherwise, it will damage the function of sensor;
All ME sensors shall not be applied in corrosive gas environment, or the sensor will be damaged;
Please test the sensitivity of gas sensors in clean atmosphere;
Sensors Shall be avoided to face the gas, which flow directly from front side;
To avoid to bend and break of pins;
Blowhole of the sensor should not be blocked and polluted, which will cause the sensitivity



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com