Electronic Components Datasheet Search
  English  ▼

X  

LMV792 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV792
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV792 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMV792 Datasheet HTML 13Page - National Semiconductor (TI) LMV792 Datasheet HTML 14Page - National Semiconductor (TI) LMV792 Datasheet HTML 15Page - National Semiconductor (TI) LMV792 Datasheet HTML 16Page - National Semiconductor (TI) LMV792 Datasheet HTML 17Page - National Semiconductor (TI) LMV792 Datasheet HTML 18Page - National Semiconductor (TI) LMV792 Datasheet HTML 19Page - National Semiconductor (TI) LMV792 Datasheet HTML 20Page - National Semiconductor (TI) LMV792 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application Notes (Continued)
TABLE 1.
Transimpedance, A
TI
C
IN
C
F
3 dB Frequency
470000
50 pF
1.5 pF
350 kHz
470000
100 pF 2.0 pF
250 kHz
470000
200 pF 3.0 pF
150 kHz
47000
50 pF
4.5 pF
1.5 MHz
47000
100 pF 6.0 pF
1 MHz
47000
200 pF 9.0 pF
700 kHz
HIGH GAIN WIDEBAND TRANSIMPEDANCE
AMPLIFIER USING THE LMV792
The LMV792, dual, low noise, wide bandwidth, CMOS input
op amp IC can be used for compact, robust and integrated
solutions for sensing and amplifying wide-band signals ob-
tained from sensitive photodiodes. One of the two op amps
available can be used to obtain transimpedance gain while
the other can be used for amplifying the output voltage to
further enhance the transimpedance gain. The wide band-
width of the op amps (17 MHz) ensures that they are capable
of providing high gain for a wide range of frequencies. The
low input referred noise (5.8 nV/
) allows the amplifier to
deliver an output with a high SNR (signal to noise ratio). The
small MSOP-10 footprint saves space on printed circuit
boards and allows ease of design in portable products.
The circuit shown in Figure 13, has the first op amp acting as
a transimpedance amplifier with a gain of 47000, while the
second stage provides a voltage gain of 10. This provides a
total transimpedance gain of 470000 with a −3 dB bandwidth
of about 1.5 MHz, for a total input capacitance of 50 pF. The
frequency response for the circuit is shown in Figure 14
20116877
FIGURE 11. Frequency Response for A
TI = 470000
20116878
FIGURE 12. Frequency Response for A
TI = 47000
20116886
FIGURE 13. 1.5 MHz Transimpedance Amplifier, with
A
TI = 470000
20116879
FIGURE 14. 1.5 MHz Transimpedance Amplifier
Frequency Response
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com