Electronic Components Datasheet Search
  English  ▼

X  

ME4-H2 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ME4-H2
Description  Hydrogen Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ME4-H2 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ME4-H2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Cross Interference
ME4-H2 sensor also can respond to other gases besides target gas H2. Following data are the
response characteristics of the sensor to interferential gases at certain concentration for your
reference.
Stable2. Cross interference
Interferential Gas
Concentration
ME4-H2
H2S
15ppm
4ppm
H2S
5ppm
0ppm
SO2
5ppm
0ppm
C2H4
100ppm
0ppm
NO
35ppm
9ppm
NO2
5ppm
2
ppm
Cautions!
Tin soldering is prohibited.
Before using, power on to aging for more than 48 hours is necessary.
Pins can’t be broke off or bent.
Don’t disassemble the sensor to avoid the damage caused by electrolyte leakage.
Avoid contacting organic solvent (including Silicone rubber and other adhesive), coatings, medicine,
oil and high concentration gases.
All the electrochemical sensors shall not be encapsulated completely by resin materials, and
shall not immerse in pure oxygen environment, otherwise, it will damage the function of sensor
All electrochemical sensors shall not be applied in corrosive gas environment, or the sensor will
be damaged
Zero calibration should be finished in clean air.
During test and usage, sensors should avoid the gas inflow vertically
The side for inflow can’t be choked and polluted.
The laminating film above the sensor surface can’t be uncovered and damage.
Excessive impact or vibration should be avoided
It takes some time for the sensor to return to normal state after it is applied in high
concentration gas



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com